Electronic Components Datasheet Search
  English  ▼

X  

3050 Datasheet(PDF) 43 Page - Alpha Wire

Part # 3050
Description  Hook-Up Wire
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

3050 Datasheet(HTML) 43 Page - Alpha Wire

Back Button 3050 Datasheet HTML 39Page - Alpha Wire 3050 Datasheet HTML 40Page - Alpha Wire 3050 Datasheet HTML 41Page - Alpha Wire 3050 Datasheet HTML 42Page - Alpha Wire 3050 Datasheet HTML 43Page - Alpha Wire 3050 Datasheet HTML 44Page - Alpha Wire 3050 Datasheet HTML 45Page - Alpha Wire 3050 Datasheet HTML 46Page - Alpha Wire 3050 Datasheet HTML 47Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 49 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
419
Wire > Hook-Up Wire > Ribbon Cable > 150/600 V
Hook-Up Wire
150/600 V Ribbon Cable, PVC
MIL-DTL-16878/1 (Type B)
(600 V)
UL AWM 2713 (150 V) VW-1
Operating Temperature
• -20°C to +105°C (MIL)
• -20°C to +80°C (AWM)
Conductor Color Coding
• Brown, red, orange, yellow,
green, blue, violet, slate, white,
black . . . repeats
Materials
• Stranded tinned copper
conductors
• Color-coded PVC insulation
bonded into a flat configuration
Availability
100 ft (30.5 m)
26 AWG (0.14 mm2)
Stranding: 7/34 (7 x 0.16 mm)
Insulation thickness: 0.010 (0.25 mm)
Cable height: 0.039 (0.99 mm)
Part No.
Conductors
Width
Inch
mm
3550
10
0.392
9.96
3550/14
14
0.546
13.87
3551
15
0.585
14.68
3551/16
16
0.624
15.85
3553
30
1.170
29.72
24 AWG (0.23 mm2)
Stranding: 7/32 (7 x 0.20 mm)
Insulation thickness: 0.010 (0.25 mm)
Cable height: 0.044 (1.12 mm)
Part No.
Conductors
Width
Inch
mm
3540/7
10
0.440
11.18
3541/7
15
0.660
16.76
3542/7
20
0.880
22.35
24 AWG (0.24 mm2)
Stranding: 19/36 (19 x 0.12 mm)
Insulation thickness: 0.010 (0.25 mm)
Cable height: 0.044 (1.12 mm)
Part No.
Conductors
Width
Inch
mm
3540
10
0.440
11.18
3541
15
0.660
16.76
3542
20
0.880
22.35
3543
30
1.320
33.53
22 AWG (0.35 mm2)
Stranding: 7/30 (7 x 0.25 mm)
Insulation thickness: 0.010 (0.25 mm)
Cable height: 0.050 (1.27 mm)
Part No.
Conductors
Width
Inch
mm
3530/7
10
0.500
12.70
3531/7
15
0.750
19.05
3532/7
20
1.000
25.40
3533/7
30
1.500
38.10
22 AWG (0.38 mm2)
Stranding: 19/34 (19 x 0.16 mm)
Insulation thickness: 0.010 (0.25 mm)
Cable height: 0.051 (1.29 mm)
Part No.
Conductors
Width
Inch
mm
3530
10
0.510
12.95
3531
15
0.765
19.43
3532
20
1.020
25.91
3533
30
1.530
38.86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com