Electronic Components Datasheet Search
  English  ▼

X  

3050 Datasheet(PDF) 5 Page - Alpha Wire

Part # 3050
Description  Hook-Up Wire
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

3050 Datasheet(HTML) 5 Page - Alpha Wire

  3050 Datasheet HTML 1Page - Alpha Wire 3050 Datasheet HTML 2Page - Alpha Wire 3050 Datasheet HTML 3Page - Alpha Wire 3050 Datasheet HTML 4Page - Alpha Wire 3050 Datasheet HTML 5Page - Alpha Wire 3050 Datasheet HTML 6Page - Alpha Wire 3050 Datasheet HTML 7Page - Alpha Wire 3050 Datasheet HTML 8Page - Alpha Wire 3050 Datasheet HTML 9Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
381
Wire > Hook-Up Wire > 300 V
Hook-Up Wire
300 V, Semirigid PVC
UL AWM 1061 VW-1
CSA AWM I A/B FT1
Operating Temperature
• -10°C to +80°C
Materials
• Stranded or solid tinned
copper conductor
• Semirigid PVC insulation
Availability
100 ft (30.5 m)
1000 ft (305 m)
Part No.
Wire Size
Stranding
Insulation
Thickness
Nominal
Diameter
Colors
AWG mm2
AWG
mm
Inch
mm
Inch
mm
422807
28
0.09
7/36
7 x 0.13
0.010
0.25
0.035
0.89
Z2
422801
28
0.08
Solid
1 x 0.32
0.010
0.25
0.033
0.84
Z2
422607
26
0.14
7/34
7 x 0.16
0.010
0.25
0.039
0.99
Z2
422601
26
0.13
Solid
1 x 0.40
0.010
0.25
0.036
0.91
Z2
3250
24
0.23
7/32
7 x 0.20
0.010
0.25
0.044
1.12
Z1
3251
22
0.35
7/30
7 x 0.25
0.010
0.25
0.050
1.27
Z1
422010
20
0.51
10/30
10 x 0.25
0.010
0.25
0.057
1.45
Z2
3252
20
0.56
7/28
7 x 0.32
0.010
0.25
0.058
1.47
Z1
422001
20
0.52
Solid
1 x 0.81
0.010
0.25
0.052
1.32
Z2
421816
18
0.81
16/30
16 x 0.25
0.010
0.25
0.067
1.70
Z2
3253
18
0.90
7/26
7 x 0.40
0.010
0.25
0.068
1.73
Z1
421626
16
1.32
26/30
26 x 0.25
0.010
0.25
0.080
2.03
Z2
3254
16
1.43
7/24
7 x 0.51
0.010
0.25
0.080
2.03
Z1
Insulation Colors Z1
1 White
5 Yellow
9 Slate
2 Black
6 Blue
10 Violet
3 Red
7 Brown
4 Green
8 Orange
Insulation Colors Z2
0 Black
4 Yellow
8 Slate
1 Brown
5 Green
9 White
2 Red
6 Blue
3 Orange
7 Violet
These wires also available in 500 ft (152 m) put-ups.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com