Electronic Components Datasheet Search
  English  ▼

X  

3050 Datasheet(PDF) 2 Page - Alpha Wire

Part # 3050
Description  Hook-Up Wire
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

3050 Datasheet(HTML) 2 Page - Alpha Wire

  3050 Datasheet HTML 1Page - Alpha Wire 3050 Datasheet HTML 2Page - Alpha Wire 3050 Datasheet HTML 3Page - Alpha Wire 3050 Datasheet HTML 4Page - Alpha Wire 3050 Datasheet HTML 5Page - Alpha Wire 3050 Datasheet HTML 6Page - Alpha Wire 3050 Datasheet HTML 7Page - Alpha Wire 3050 Datasheet HTML 8Page - Alpha Wire 3050 Datasheet HTML 9Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
378
Hook-Up Wire
Thebroadrangeofhook-up
wire from Alpha means you
will find the product exactly
suited to your application—whether
it’s as straightforward as a control
cabinet in a protected environment
or as specialized as a machine
tool on the factory floor, a high-
temperature oven, or off-road
construction equipment.
Our hook-up wire is available in a
variety of insulations to meet your
needs for temperature, ability to
withstand wear and abrasion, elec-
trical performance, or resistance to
oil, solvents, and chemicals.
• Stranded and solid copper
conductors, bare or tinned, with
other platings available for
special application needs
• Broad range of insulations
• Color-coded insulation for easy
circuit identification
• UL, CSA, and Mil-spec
compliance
• Convenient put-ups as short as
100 feet
• Excellent uniformity and
low-fray design for easy handling,
stripping, and termination
Choice of Insulations to Meet Temperature Range and Mechanical and Environmental Requirements
Insulation
Material
Temperature Range
Features
PVC
Polyvinyl chloride
-55°C to +105°C
General-purpose insulation
Good abrasion resistance
Excellent flame resistance
XL-PVC
Cross-linked PVC
-55°C to +105°C
Better abrasion and cut-through resistance than standard PVC
Improved temperature and solder iron resistance over standard PVC
Used in high-density wiring
mPPE
Modified polyphenylene ether
-40°C to +105°C
Excellent recyclability
Excellent abrasion and cut-through resistance
Superior dielectric properties for thinner walls than PVC—allows wires
45% smaller in diameter and 40% light in weight
PTFE
Polytetrafluoroethylene
-55°C to +200°C
High temperature
Chemically inert: excellent chemical and solvent resistance
Excellent electrical properties
XLPE
Cross-linked polyethylene
-55°C to +125°C
Higher temperature rating than PVC
Silicone
Silicone
-40°C to +150°C
High-voltage material
Excellent flexibility
Excellent dielectric strength and resistance to radiation, corona, and ozone
PDVF
Polyvinylidene fluoride
-40°C to +125°C
Widely used in wire wrap applications
ETFE
Ethylene tetrafluoroethylene
-70°C to +150°C
TGGT
Teflon glass glass Teflon
+250°C
High-temperature applications
Chemically inert: excellent chemical and solvent resistance
Moisture resistant
Withstands mechanical abuse and repeated flexing
MG
Mica glass
+450°C
High-temperature applications, such as heat-treating furnaces,
kilns, and food service equipment
Excellent thermal stability
378



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com