Electronic Components Datasheet Search
  English  ▼

X  

3053 Datasheet(PDF) 26 Page - Alpha Wire

Part # 3053
Description  Hook-Up Wire
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

3053 Datasheet(HTML) 26 Page - Alpha Wire

Back Button 3053 Datasheet HTML 22Page - Alpha Wire 3053 Datasheet HTML 23Page - Alpha Wire 3053 Datasheet HTML 24Page - Alpha Wire 3053 Datasheet HTML 25Page - Alpha Wire 3053 Datasheet HTML 26Page - Alpha Wire 3053 Datasheet HTML 27Page - Alpha Wire 3053 Datasheet HTML 28Page - Alpha Wire 3053 Datasheet HTML 29Page - Alpha Wire 3053 Datasheet HTML 30Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
402
Wire > Hook-Up Wire > 1000 V
Hook-Up Wire
1000 V, PTFE
MIL-DTL-16878/5 (Type EE)
UL VW-1
NEMA HP3
Operating Temperature
• -60°C to +200°C
Materials
• Stranded silver-plated copper
conductor
• PTFE insulation
Availability
100 ft (30.5 m)
500 ft (152 m)
1000 ft (305 m)*
*May contain multiple lengths
Part
No.
Wire Size
Stranding
Insulation
Thickness
Nominal
Diameter
NEMA
HP-3
AWG
mm2
AWG
mm
Inch
mm
Inch
mm
22807
28
0.09
7/36
7 x 0.13
0.015
0.38
0.045
1.14
EEXBCB
22407
24
0.23
7/32
7 x 0.20
0.015
0.38
0.054
1.37
EEXBEB
22207
22
0.35
7/30
7 x 0.25
0.014
0.36
0.058
1.47
EEXBFB
22007
20
0.56
7/28
7 x 0.32
0.015
0.38
0.068
1.73
EXBGB
Insulation Colors
White
Yellow
Slate
Black
Blue
Violet
Red
Brown
Green
Orange



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com