Electronic Components Datasheet Search
  English  ▼

X  

3053 Datasheet(PDF) 28 Page - Alpha Wire

Part # 3053
Description  Hook-Up Wire
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

3053 Datasheet(HTML) 28 Page - Alpha Wire

Back Button 3053 Datasheet HTML 24Page - Alpha Wire 3053 Datasheet HTML 25Page - Alpha Wire 3053 Datasheet HTML 26Page - Alpha Wire 3053 Datasheet HTML 27Page - Alpha Wire 3053 Datasheet HTML 28Page - Alpha Wire 3053 Datasheet HTML 29Page - Alpha Wire 3053 Datasheet HTML 30Page - Alpha Wire 3053 Datasheet HTML 31Page - Alpha Wire 3053 Datasheet HTML 32Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
404
Wire > Hook-Up Wire
Hook-Up Wire
Wire Wrap, PVDF or ETFE
UL 1422, 1423, 1516, 1523
VW-1
Operating Temperature
• -40°C to +125°C (PVDF)
• -70°C to +150°C (ETFE)
• +105°C (UL)
Materials
• Silver-plated solid copper
conductors
• PVDF or ETFE insulation
Availability
100 ft (30.5 m) (ETFE)
1000 ft (305 m) (PVDF or ETFE)
Part No.
Wire Size
Insulation Thickness
Nominal Diameter
UL Style
AWG
mm2
Inch
mm
Inch
mm
5951
30
0.05
0.005
0.11
0.019
0.51
1423
5952
28
0.08
0.006
0.14
0.024
0.61
1422
5953
26
0.13
0.006
0.14
0.027
0.69
1422
5954
24
0.20
0.005
0.11
0.030
0.76
1423
Part No.
Wire Size
Insulation Thickness
Nominal Diameter
UL Style
AWG
mm2
Inch
mm
Inch
mm
1805
30
0.05
0.005
0.11
0.020
0.51
1516
1806*
28
0.08
0.006
0.14
0.024
0.61
1523
1807
26
0.13
0.006
0.14
0.027
0.69
1523
1808**
24
0.20
0.005
0.11
0.030
0.76
1516
Insulation Colors
White
Yellow
Slate
Black
Blue
Violet
Red
Brown
Green
Orange
*Not available in orange.
**Not available in violet or orange.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com