Electronic Components Datasheet Search
  English  ▼

X  

3053 Datasheet(PDF) 34 Page - Alpha Wire

Part # 3053
Description  Hook-Up Wire
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

3053 Datasheet(HTML) 34 Page - Alpha Wire

Back Button 3053 Datasheet HTML 30Page - Alpha Wire 3053 Datasheet HTML 31Page - Alpha Wire 3053 Datasheet HTML 32Page - Alpha Wire 3053 Datasheet HTML 33Page - Alpha Wire 3053 Datasheet HTML 34Page - Alpha Wire 3053 Datasheet HTML 35Page - Alpha Wire 3053 Datasheet HTML 36Page - Alpha Wire 3053 Datasheet HTML 37Page - Alpha Wire 3053 Datasheet HTML 38Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
410
Wire > Hook-Up Wire
Hook-Up Wire
High Voltage, Silicone Rubber
UL AWM 3239
Operating Temperature
• -40°C to +150°C
Materials
• Stranded tinned copper
conductor
• Silicone rubber insulation
Availability
100 ft (30.5 m)
500 ft (152 m)
1000 ft (305 m)
UL 3239
Insulation Colors
White
Black
Red
Part No.
Wire Size
Stranding
Insulation
Thickness
Nominal
Diameter
Voltage
AWG
mm2
AWG
mm
Inch
mm
Inch
mm
391297
12
3.29
65/30
65 x 0.25
0.097
2.46
0.287
7.29
40 kV
391275
12
3.29
65/30
65 x 0.25
0.075
1.90
0.243
6.17
30 kV
391262
12
3.29
65/30
65 x 0.25
0.062
1.57
0.217
5.51
25 kV
391250
12
3.29
65/30
65 x 0.25
0.050
1.27
0.193
4.90
20 kV
391245
12
3.29
65/30
65 x 0.25
0.045
1.14
0.183
4.65
15 kV
391099
10
5.32
105/30 105 x 0.25
0.150
3.81
0.418
10.62
50 kV
391097
10
5.32
105/30 105 x 0.25
0.097
2.46
0.312
7.92
40 kV
391045
10
5.32
105/30 105 x 0.25 0.045
1.14
0.208
5.28
15 kV
391040
10
5.32
105/30 105 x 0.25 0.040
1.02
0.198
5.03
10 kV
390897
8
8.61
133/29
133 x 0.28
0.097
2.46
0.363
9.22
40 kV
390862*
8
8.61
133/29
133 x 0.28
0.062
1.57
0.293
7.44
25 kV
390845
8
8.61
133/29
133 x 0.28
0.045
1.14
0.259
6.58
15 kV
390662*
6
13.57
133/27 133 x 0.36 0.062
1.57
0.337
8.56
25 kV
390645
6
13.57
133/27 133 x 0.36 0.045
1.14
0.303
7.70
15 kV
390462*
4
21.55
133/25 133 x 0.45 0.062
1.57
0.393
9.98
25 kV
390262*
2
34.45
259/26 259 x 0.40 0.062
1.57
0.463
11.76
25 kV
*Not UL Recognized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com