Electronic Components Datasheet Search
  English  ▼

X  

S2004DS2 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # S2004DS2
Description  RoHS Compliant
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S2004DS2 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button S2004DS2 Datasheet HTML 4Page - List of Unclassifed Manufacturers S2004DS2 Datasheet HTML 5Page - List of Unclassifed Manufacturers S2004DS2 Datasheet HTML 6Page - List of Unclassifed Manufacturers S2004DS2 Datasheet HTML 7Page - List of Unclassifed Manufacturers S2004DS2 Datasheet HTML 8Page - List of Unclassifed Manufacturers S2004DS2 Datasheet HTML 9Page - List of Unclassifed Manufacturers S2004DS2 Datasheet HTML 10Page - List of Unclassifed Manufacturers S2004DS2 Datasheet HTML 11Page - List of Unclassifed Manufacturers S2004DS2 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Sensitive SCRs
Data Sheets
http://www.littelfuse.com
E5 - 10
©2004 Littelfuse, Inc.
+1 972-580-7777
Thyristor Product Catalog
Figure E5.17 Power Dissipation (Typical) versus RMS On-state Current
Figure E5.18 Normalized DC Latching Current versus Case Temperature
Figure E5.19 Simple Test Circuit for Gate Trigger Voltage and
Current Measurement
Note: V1 — 0 V to 10 V dc meter
VGT — 0 V to 1 V dc meter
IG — 0 mA to 1 mA dc milliammeter
R1 — 1 k potentiometer
To measure gate trigger voltage and current, raise gate voltage
(VGT) until meter reading V1 drops from 6 V to 1 V. Gate trigger
voltage is the reading on VGT just prior to V1 dropping. Gate trig-
ger current IGT can be computed from the relationship
where IG is reading (in amperes) on meter just prior to V1 drop-
ping.
Note: IGT may turn out to be a negative quantity (trigger current
flows out from gate lead). If negative current occurs, IGT value is
not a valid reading. Remove 1 k resistor and use IG as the more
correct IGT value. This will occur on 12 µA gate products.
02468
10
0
2
4
6
8
10
12
RMS On-state Current [IT(RMS)] – Amps
CURRENT WAVEFORM: Half Sine Wave
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
6 A to 10 A
TO-220, TO-202,
TO-251, and TO-252
-65
-15
+25
+65
+110 +125
-40
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
Case Temperature (TC) – ˚C
See General Notes for specific device
operating temperature range.
V1
6 V
DC
+
–
100
D.U.T.
Reset
Normally-closed
Pushbutton
1 k
(1%)
I
G
V
GT
100
I
GT
R1
IN4001
IGT
IG
VGT
1000
------------- Amps
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com