Electronic Components Datasheet Search
  English  ▼

X  

S2004DS2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # S2004DS2
Description  RoHS Compliant
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S2004DS2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  S2004DS2 Datasheet HTML 1Page - List of Unclassifed Manufacturers S2004DS2 Datasheet HTML 2Page - List of Unclassifed Manufacturers S2004DS2 Datasheet HTML 3Page - List of Unclassifed Manufacturers S2004DS2 Datasheet HTML 4Page - List of Unclassifed Manufacturers S2004DS2 Datasheet HTML 5Page - List of Unclassifed Manufacturers S2004DS2 Datasheet HTML 6Page - List of Unclassifed Manufacturers S2004DS2 Datasheet HTML 7Page - List of Unclassifed Manufacturers S2004DS2 Datasheet HTML 8Page - List of Unclassifed Manufacturers S2004DS2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheets
Sensitive SCRs
©2004 Littelfuse, Inc.
E5 - 3
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
.
See “General Notes” on page E5 - 4 and “Electrical Specifications Notes” on page E5 - 5
VGT
IH
IGM
VGRM
PGM
PG(AV)
ITSM
dv/dt
di/dt
tgt
tq
l2t
(4) (12) (22)
Volts
(5) (15)
(16) (19)
mAmps
(17)
Amps
Volts
(17)
Watts
Watts
(6) (7) (13)
Amps
Volts/µSec
Amps/µSec
(8)
µSec
(9)
µSec
Amps2/Sec
TC or TL =
-40 °C
TC or TL =
25 °C
TC or TL =
110 °C
60/50 Hz
MAX
MAX
MIN
MIN
TYP (23)
TYP
MAX
1.2
0.8
0.2
5
1
5
1
0.1
20/16
20
50
2
60
1.6
1.2
0.8
0.2
5
1
5
1
0.1
20/16
20
50
2
60
1.6
1.2
0.8
0.2
5
1
5
1
0.1
20/16
10
50
2
60
1.6
1.2
0.8
0.25
5
1
5
1
0.1
20/16
25
50
3
60
1.6
1.2
0.8
0.25
5
1
5
1
0.1
20/16
25
50
3
60
1.6
1.2
0.8
0.25
5
1
5
1
0.1
20/16
10
50
3
60
1.6
1.2
0.8
0.25
5
1
5
1
0.1
20/16
30
50
4
50
1.6
1.2
0.8
0.25
5
1
5
1
0.1
20/16
30
50
4
50
1.6
1.2
0.8
0.25
5
1
5
1
0.1
20/16
15
50
4
50
1.6
1.2
0.8
0.25
8
1
5
1
0.1
20/16
40
50
5
45
1.6
1.2
0.8
0.25
8
1
5
1
0.1
20/16
40
50
5
45
1.6
1.2
0.8
0.25
8
1
5
1
0.1
20/16
20
50
5
45
1.6
1.2
0.8
0.25
5
1
5
1
0.1
20/16
30
50
3.5
50
1.6
1.2
0.8
0.25
5
1
5
1
0.1
20/16
30
50
3.5
50
1.6
1.2
0.8
0.25
5
1
5
1
0.1
20/16
15
50
3.5
50
1.6
1.2
0.8
0.2
5
1
5
1
0.1
20/16
20
50
2
60
1.6
1.2
0.8
0.2
5
1
5
1
0.1
20/16
20
50
2
60
1.6
1.2
0.8
0.2
5
1
5
1
0.1
20/16
10
50
2
60
1.6
1.2
0.8
0.25
5
1
5
1
0.1
20/16
25
50
3
60
1.6
1.2
0.8
0.25
5
1
5
1
0.1
20/16
25
50
3
60
1.6
1.2
0.8
0.25
5
1
5
1
0.1
20/16
10
50
3
60
1.6
1.2
0.8
0.25
8
1
5
1
0.1
20/16
40
50
5
45
1.6
1.2
0.8
0.25
8
1
5
1
0.1
20/16
40
50
5
45
1.6
1.2
0.8
0.25
8
1
5
1
0.1
20/16
20
50
5
45
1.6
1.2
0.8
0.25
5
1
5
1
0.1
20/16
25
50
2.2
60
1.6
1.2
0.8
0.25
5
1
6
1
0.1
20/16
25
50
2.2
60
1.6
1
0.8
0.25
5161
0.1
20/16
60
50
3.5
50
1.6
1
0.8
0.25
5161
0.1
20/16
40
50
3.5
50
1.6
1
0.8
0.25
5161
0.1
20/16
30
50
3.5
50
1.6
1
0.8
0.2
5
1
6
1
0.1
20/16
8
50
4
50
1.6
1
0.8
0.2
5
1
6
1
0.1
20/16
8
50
4
50
1.6
1
0.8
0.2
5
1
6
1
0.1
20/16
8
50
4
50
1.6
1
0.8
0.2
6
1
6
1
0.1
20/16
8
50
5
45
1.6
1
0.8
0.2
6
1
6
1
0.1
20/16
8
50
5
45
1.6
1
0.8
0.2
6
1
6
1
0.1
20/16
8
50
5
45
1.6
1
0.8
0.2
4
1
6
1
0.1
30/25
8
50
3
50
3.7
1
0.8
0.2
4
1
6
1
0.1
30/25
8
50
3
50
3.7
1
0.8
0.2
4
1
6
1
0.1
30/25
8
50
3
50
3.7
1
0.8
0.2
6
1
6
1
0.1
30/25
8
50
4
50
3.7
1
0.8
0.2
6
1
6
1
0.1
30/25
8
50
4
50
3.7
1
0.8
0.2
6
1
6
1
0.1
30/25
8
50
4
50
3.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com