Electronic Components Datasheet Search
  English  ▼

X  

S2004DS2 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # S2004DS2
Description  RoHS Compliant
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S2004DS2 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  S2004DS2 Datasheet HTML 1Page - List of Unclassifed Manufacturers S2004DS2 Datasheet HTML 2Page - List of Unclassifed Manufacturers S2004DS2 Datasheet HTML 3Page - List of Unclassifed Manufacturers S2004DS2 Datasheet HTML 4Page - List of Unclassifed Manufacturers S2004DS2 Datasheet HTML 5Page - List of Unclassifed Manufacturers S2004DS2 Datasheet HTML 6Page - List of Unclassifed Manufacturers S2004DS2 Datasheet HTML 7Page - List of Unclassifed Manufacturers S2004DS2 Datasheet HTML 8Page - List of Unclassifed Manufacturers S2004DS2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Sensitive SCRs
Data Sheets
http://www.littelfuse.com
E5 - 4
©2004 Littelfuse, Inc.
+1 972-580-7777
Thyristor Product Catalog
Specific Test Conditions
di/dt — Maximum rate-of-change of on-state current; IGT = 50 mA pulse
width
≥15 µsec with ≤0.1 µs rise time
dv/dt — Critical rate-of-rise of forward off-state voltage
I2t — RMS surge (non-repetitive) on-state current for period of 8.3 ms
for fusing
IDRM and IRRM — Peak off-state current at VDRM and VRRM
IGT — DC gate trigger current VD = 6 V dc; RL = 100 Ω
IGM — Peak gate current
IH — DC holding current; initial on-state current = 20 mA
IT — Maximum on-state current
ITSM — Peak one-cycle forward surge current
PG(AV) — Average gate power dissipation
PGM — Peak gate power dissipation
tgt — Gate controlled turn-on time gate pulse = 10 mA; minimum
width = 15 µS with rise time
≤0.1 µs
tq — Circuit commutated turn-off time
VDRM and VRRM — Repetitive peak off-state forward and reverse voltage
VGRM — Peak reverse gate voltage
VGT — DC gate trigger voltage; VD = 6 V dc; RL = 100 Ω
VTM — Peak on-state voltage
General Notes
•
Teccor 2N5064 and 2N6565 Series devices conform to all JEDEC
registered data. See specifications table on pages E5 - 2 and
E5 - 3.
•
The case lead temperature (TC or TL) is measured as shown on
dimensional outline drawings in the “Package Dimensions” section
of this catalog.
•
All measurements (except IGT) are made with an external resistor
RGK = 1 kΩ unless otherwise noted.
•
All measurements are made at 60 Hz with a resistive load at an
ambient temperature of +25 °C unless otherwise specified.
•
Operating temperature (TJ) is -65 °C to +110 °C for EC Series
devices, -65 °C to +125 °C for 2N Series devices, -40 °C to
+125 °C for “TCR” Series, and -40 °C to +110 °C for all others.
•
Storage temperature range (TS) is -65 °C to +150 °C for TO-92
devices, -40 °C to +150 °C for TO-202 and Compak devices, and
-40 °C to +125 °C for all others.
•
Lead solder temperature is a maximum of +230 °C for 10 seconds
maximum
≥1/16" (1.59 mm) from case.
TYPE
Part Number
IT
VDRM &
VRRM
IGT
IDRM &
IRRM
VTM
Isolated
Non-isolated
TO-220
TO-202
TO-251
V-Pak
TO-252
D-Pak
(1)
Amps
Volts
(2) (12)
µAmps
(20) (21)
µAmps
(3) (10)
Volts
See “Package Dimensions” section for variations. (11)
IT(RMS)
IT(AV)
TC =
25 °C
TC =
110 °C
MAX
MAX
MIN
MAX
MAX
MAX
MAX
6A
S2006LS2
S2006FS21
S2006VS2
S2006DS2
6
3.8
200
200
5
250
1.6
S4006LS2
S4006FS21
S4006VS2
S4006DS2
6
3.8
400
200
5
250
1.6
S6006LS2
S6006FS21
S6006VS2
S6006DS2
6
3.8
600
200
5
250
1.6
S2006LS3
S2006FS31
S2006VS3
S2006DS3
6
3.8
200
500
5
250
1.6
S4006LS3
S4006FS31
S4006VS3
S4006DS3
6
3.8
400
500
5
250
1.6
S6006LS3
S6006FS31
S6006VS3
S6006DS3
6
3.8
600
500
5
250
1.6
8A
S2008LS2
S2008FS21
S2008VS2
S2008DS2
8
5.1
200
200
5
250
1.6
S4008LS2
S4008FS21
S4008VS2
S4008DS2
8
5.1
400
200
5
250
1.6
S6008LS2
S6008FS21
S6008VS2
S6008DS2
8
5.1
600
200
5
250
1.6
S2008LS3
S2008FS31
S2008VS3
S2008DS3
8
5.1
200
500
5
250
1.6
S4008LS3
S4008FS31
S4008VS3
S4008DS3
8
5.1
400
500
5
250
1.6
S6008LS3
S6008FS31
S6008VS3
S6008DS3
8
5.1
600
500
5
250
1.6
10 A
S2010LS2
S2010FS21
S2010VS2
S2010DS2
10
6.4
200
200
5
250
1.6
S4010LS2
S4010FS21
S4010VS2
S4010DS2
10
6.4
400
200
5
250
1.6
S6010LS2
S6010FS21
S6010VS2
S6010DS2
10
6.4
600
200
5
250
1.6
S2010LS3
S2010FS31
S2010VS3
S2010DS3
10
6.4
200
500
5
250
1.6
S4010LS3
S4010FS31
S4010VS3
S4010DS3
10
6.4
400
500
5
250
1.6
S6010LS3
S6010FS31
S6010VS3
S6010DS3
10
6.4
600
500
5
250
1.6
K
A
G
K
A
G
A
A
A
G
K
A
A
K
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com