Electronic Components Datasheet Search
  English  ▼

X  

PVC-105-4 Datasheet(PDF) 23 Page - Alpha Wire

Part # PVC-105-4
Description  Better wire management means better harnesses
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-4 Datasheet(HTML) 23 Page - Alpha Wire

Back Button PVC-105-4 Datasheet HTML 19Page - Alpha Wire PVC-105-4 Datasheet HTML 20Page - Alpha Wire PVC-105-4 Datasheet HTML 21Page - Alpha Wire PVC-105-4 Datasheet HTML 22Page - Alpha Wire PVC-105-4 Datasheet HTML 23Page - Alpha Wire PVC-105-4 Datasheet HTML 24Page - Alpha Wire PVC-105-4 Datasheet HTML 25Page - Alpha Wire PVC-105-4 Datasheet HTML 26Page - Alpha Wire PVC-105-4 Datasheet HTML 27Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
503
FIT > FIT Wire Management > Copper EMI Shielding Tape
FIT® Wire Management
Copper EMI Shielding Tape
CST Series
UL 510
ASTM D 1000, Method 303
MIL-STD-202C
• EMI shielding
• Highly conductive pressure-
sensitive adhesive seal
Operating Temperature
• -40°C to +205°C
Color
• Copper
Material
• Copper foil on pressure-
sensitive adhesive
Part No.
Width
Inch
mm
CST-5
0.50
12.70
CST-10
1.00
25.40
CST-15
1.50
38.10
CST-20
2.00
50.80
Physical Properties
• Tensile strength: 21 lb/inch
(0.145 N/mm2)
• Adhesion: 40 oz/inch
• Foil thickness: 0.0014 inch
(0.04 mm)
• Adhesive thickness: 0.00015
inch (0.004 mm)
• Flammability: flame resistant
per UL 510
Electrical Properties
• Electrical resistance through
tape: <0.003 ohms/inch2
(<0.0005 ohms/cm2)
• Shielding effectiveness: 50 dB
at 153 MHz
Availability
36-yard (33 m) rolls



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com