Electronic Components Datasheet Search
  English  ▼

X  

PVC-105-4 Datasheet(PDF) 25 Page - Alpha Wire

Part # PVC-105-4
Description  Better wire management means better harnesses
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-4 Datasheet(HTML) 25 Page - Alpha Wire

Back Button PVC-105-4 Datasheet HTML 21Page - Alpha Wire PVC-105-4 Datasheet HTML 22Page - Alpha Wire PVC-105-4 Datasheet HTML 23Page - Alpha Wire PVC-105-4 Datasheet HTML 24Page - Alpha Wire PVC-105-4 Datasheet HTML 25Page - Alpha Wire PVC-105-4 Datasheet HTML 26Page - Alpha Wire PVC-105-4 Datasheet HTML 27Page - Alpha Wire PVC-105-4 Datasheet HTML 28Page - Alpha Wire PVC-105-4 Datasheet HTML 29Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
505
FIT > FIT Wire Management > Expandable Braided Sleeving
FIT® Wire Management
Expandable Braided Sleeving
GRP-110, GRP-120
UL UZKX2
UL VW-1 (GRP-120)
MIL-I-631
• Light weight, flexible routing
• High abrasion and cut-through
resistance
Operating Temperature
• -75°C to +125°C
• 250°C melt temperature
Color
• GRP-110: Black or natural
• GRP-120: Black with white tracer
thread or white with black
tracer thread
Material
• Braided polyester
• Should be cut with hot knife
Physical Properties
• Tensile strength:
GRP-110: 85,000 psi (586 N/mm2)
GRP-120: 55,000 psi (379 N/mm2)
Chemical Properties
• Corrosive effect: noncorrosive
• Fungus resistance: no growth
• GRP-120: flame retardant
• Halogen free
• Lead free
Availability
See tables
Spools may contain multiple
lengths
General-Purpose Sleeving
Part No.
Inside
Diameter, Min.
Expanded Inside
Diameter, Max.
Wall
Thickness
Construction
Standard
Put-Ups
Inch
mm
Inch
mm
Inch
mm
Carriers
Yarns
Total
Ft
m
GRP-110-1/8
0.093
2.36
0.250
6.35
0.025
0.64
32
1
32
100, 500
30.5, 152
GRP-110-1/4
0.125
3.18
0.375
9.53
0.025
0.64
24
3
72
100, 500
30.5, 152
GRP-110-1/2
0.250
6.35
0.750
19.05
0.025
0.64
48
3
144
100, 500
30.5, 152
GRP-110-3/4
0.500
12.70
1.250
31.75
0.025
0.64
72
3
216
100, 500
30.5, 152
GRP-110-1-1/4
0.750
19.05
1.750
44.45
0.025
0.64
96
3
288
50, 250
15.2, 76
GRP-110-1-3/4
1.250
31.75
2.750
69.85
0.025
0.64
120
4
480
50, 250
15.2, 76
GRP-110-2IN
1.500
38.10
3.500
88.90
0.025
0.64
120
4
480
50, 250
15.2, 76
Flame-Retardant Sleeving
Part No.
Inside
Diameter, Min.
Expanded Inside
Diameter, Max.
Wall
Thickness
Construction
Standard
Put-Ups
Inch
mm
Inch
mm
Inch
mm
Carriers
Yarns
Total
Ft
m
GRP-120-1/8
0.093
2.36
0.250
6.35
0.025
0.64
32
1
32
100, 500
30.5, 152
GRP-120-1/4
0.125
3.18
0.375
9.53
0.025
0.64
24
3
72
100, 500
30.5, 152
GRP-120-1/2
0.250
6.35
0.750
19.05
0.025
0.64
48
3
144
100, 500
30.5, 152
GRP-120-3/4
0.500
12.70
1.250
31.75
0.025
0.64
72
3
216
100, 500
30.5, 152
GRP-120-1-1/4
0.750
19.05
1.750
44.45
0.025
0.64
96
3
288
50, 250
15.2, 76
GRP-120-1-3/4
1.250
31.75
2.750
69.85
0.025
0.64
120
4
480
50, 250
15.2, 76
GRP-120-2IN
1.500
38.10
3.500
88.90
0.025
0.64
120
4
480
50, 250
15.2, 76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com