Electronic Components Datasheet Search
  English  ▼

X  

PVC-105-4 Datasheet(PDF) 9 Page - Alpha Wire

Part # PVC-105-4
Description  Better wire management means better harnesses
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-4 Datasheet(HTML) 9 Page - Alpha Wire

Back Button PVC-105-4 Datasheet HTML 5Page - Alpha Wire PVC-105-4 Datasheet HTML 6Page - Alpha Wire PVC-105-4 Datasheet HTML 7Page - Alpha Wire PVC-105-4 Datasheet HTML 8Page - Alpha Wire PVC-105-4 Datasheet HTML 9Page - Alpha Wire PVC-105-4 Datasheet HTML 10Page - Alpha Wire PVC-105-4 Datasheet HTML 11Page - Alpha Wire PVC-105-4 Datasheet HTML 12Page - Alpha Wire PVC-105-4 Datasheet HTML 13Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
489
FIT > FIT Wire Management > PVC Tubing
FIT® Wire Management
Multipurpose PVC Tubing
PVC-105
UL 224 VW-1
CSA 198
MIL-I-631D Type F, Form U,
Subform Ua, Grade C
ASTM D922
• Flexible wire protection for
harnesses and ground straps
• Resistance to heat, oil,
and abrasion
Operating Temperature
• -20°C to +105°C
Colors
• Size #24 to 1-1/2 inches:
Black, clear
• 2 Inches to 2-1/2 inches: Black
Physical Properties
• Tensile strength: 2780 psi
(19.17 N/mm2)
• Elongation: 260%
• Specific gravity: 1.32
• Flammability: UL 224 VW-1
Chemical Properties
• Corrosive effect: non-corrosive
• Fungus resistance: no growth
• UV stable
• Lead free
Electrical Properties
• Dielectric strength: 870 V/mil
(343 kV/cm)
• Volume resistivity: 2 x 1014
ohm-cm
• UL voltage rating
Sizes #24 to #1: UL rated 300 V
5/16 to 2 inches: UL rated 600 V
Availability
• See table
• PVC-105-24 to PVC-105-1 are
available air spooled on the
largest put-ups only
Part No.
Inside
Diameter, Min.
Inside
Diameter, Max.
Wall Thickness,
Nom.
Standard
Put-Ups
Inch
mm
Inch
mm
Inch
mm
Ft
m
PVC-105-24
0.022
0.56
0.027
0.69
0.012
0.30
1000
305
PVC-105-22
0.025
0.64
0.032
0.81
0.012
0.30
100, 1000
30.5, 305
PVC-105-20
0.032
0.81
0.039
0.99
0.016
0.41
1000
305
PVC-105-19
0.036
0.91
0.044
1.12
0.016
0.41
1000
305
PVC-105-18
0.040
1.02
0.049
1.24
0.016
0.41
100, 1000
30.5, 305
PVC-105-17
0.045
1.14
0.054
1.37
0.016
0.41
100, 1000
30.5, 305
PVC-105-16
0.051
1.30
0.061
1.55
0.016
0.41
100, 1000
30.5, 305
PVC-105-15
0.057
1.45
0.067
1.70
0.016
0.41
100, 1000
30.5, 305
PVC-105-14
0.064
1.63
0.072
1.83
0.016
0.41
100, 500
30.5, 152
PVC-105-13
0.072
1.83
0.08
2.03
0.016
0.41
100, 500
30.5, 152
PVC-105-12
0.081
2.06
0.089
2.26
0.016
0.41
500
152
PVC-105-11
0.091
2.31
0.101
2.57
0.016
0.41
100, 500
30.5, 152
PVC-105-10
0.102
2.59
0.112
2.84
0.016
0.41
500
152
PVC-105-9
0.114
2.90
0.124
3.15
0.020
0.51
500
152
PVC-105-8
0.129
3.28
0.141
3.58
0.020
0.51
100, 500
30.5, 152
PVC-105-7
0.144
3.66
0.158
4.01
0.020
0.51
100, 500
30.5, 152
PVC-105-6
0.162
4.11
0.178
4.52
0.020
0.51
100, 500
30.5, 152
PVC-105-5
0.183
4.65
0.198
5.03
0.020
0.51
100, 500
30.5, 152
PVC-105-4
0.204
5.18
0.224
5.69
0.020
0.51
100, 250
30.5, 76
PVC-105-3
0.229
5.82
0.249
6.32
0.020
0.51
100, 250
30.5, 76
PVC-105-2
0.258
6.55
0.278
7.06
0.020
0.51
250
76
PVC-105-1
0.289
7.34
0.311
7.90
0.020
0.51
100, 250
30.5, 76
PVC-105-5/16
0.313
7.95
0.334
8.48
0.025
0.64
100, 250
30.5, 76
PVC105-0
0.325
8.26
0.347
8.81
0.020
0.51
100, 250
30.5, 76
PVC-105-3/8
0.375
9.53
0.399
10.13
0.025
0.64
100, 250
30.5, 76
PVC-105-7/16 0.438
11.13
0.462
11.73
0.025
0.64
100
30.5
PVC-105-1/2A 0.500 12.70
0.524
13.31
0.025
0.64
100
30.5
PVC-105-9/16 0.562
14.27
0.592
15.04 0.030
0.76
100
30.5
PVC-105-5/8
0.625
15.88
0.655
16.64 0.030
0.76
100
30.5
PVC-105-3/4
0.750
19.05
0.786
19.96
0.035
0.89
50
15.2
PVC-105-7/8
0.875
22.23
0.911
23.14
0.035
0.89
50
15.2
PVC-105-1IN
1.000
25.40
1.036
26.31
0.035
0.89
50
15.2
PVC-105-1-1/8
1.125
28.58
1.161
29.49
0.010
0.25
50
15.2
PVC-105-1-1/4
1.250
31.75
1.29
32.77 0.040
1.02
50
15.2
PVC-105-1-1/2 1.500
38.10
1.55
39.37 0.045
1.14
50
15.2
PVC-105-2IN
2.000 50.80
2.07
52.58 0.060
1.52
50
15.2
PVC-105-2-1/2 2.500 63.50
2.53
64.26 0.070
1.78
50
15.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com