Electronic Components Datasheet Search
  English  ▼

X  

A1244 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A1244
Description  Chopper-Stabilized, Two Wire Hall-Effect Latch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1244 Datasheet(HTML) 4 Page - Allegro MicroSystems

  A1244 Datasheet HTML 1Page - Allegro MicroSystems A1244 Datasheet HTML 2Page - Allegro MicroSystems A1244 Datasheet HTML 3Page - Allegro MicroSystems A1244 Datasheet HTML 4Page - Allegro MicroSystems A1244 Datasheet HTML 5Page - Allegro MicroSystems A1244 Datasheet HTML 6Page - Allegro MicroSystems A1244 Datasheet HTML 7Page - Allegro MicroSystems A1244 Datasheet HTML 8Page - Allegro MicroSystems A1244 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
THERMAL CHARACTERISTICS may require derating at maximum conditions, see application information
Characteristic
Symbol
Test Conditions*
Value Units
Package Thermal Resistance
RθJA
Package LH, 1-layer PCB with copper limited to solder pads
228
ºC/W
Package LH, 2-layer PCB with 0.463 in.2 of copper area each side
connected by thermal vias
110
ºC/W
Package UA, 1-layer PCB with copper limited to solder pads
165
ºC/W
*Additional thermal information available on Allegro Web site.
6
7
8
9
2
3
4
5
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
20
40
60
80
100
120
140
160
180
Temperature (ºC)
Power Derating Curve
(R JA = 228 ºC/W)
LH, 1-layer PCB
(R JA = 110 ºC/W)
LH, 2-layer PCB
(R JA = 165 ºC/W)
UA, 1-layer PCB
VCC(min)
VCC(max)
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
20
40
60
80
100
120
140
160
180
Temperature (°C)
Power Dissipation versus Ambient Temperature
(R
θJA = 165
ºC/W)
1-lay
er PC
B, Packa
ge
UA
(R
θJA = 228
ºC/W
)
1-lay
er PCB,
Package
LH
(R
θJ
A
= 110
ºC/
W)
2-l
ayer
PCB,
Pa
ckag
e LH
Application Information
Chopper-Stabilized, Two Wire
Hall-Effect Latch
A1244
4
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com