Electronic Components Datasheet Search
  English  ▼

X  

A1244 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A1244
Description  Chopper-Stabilized, Two Wire Hall-Effect Latch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1244 Datasheet(HTML) 5 Page - Allegro MicroSystems

  A1244 Datasheet HTML 1Page - Allegro MicroSystems A1244 Datasheet HTML 2Page - Allegro MicroSystems A1244 Datasheet HTML 3Page - Allegro MicroSystems A1244 Datasheet HTML 4Page - Allegro MicroSystems A1244 Datasheet HTML 5Page - Allegro MicroSystems A1244 Datasheet HTML 6Page - Allegro MicroSystems A1244 Datasheet HTML 7Page - Allegro MicroSystems A1244 Datasheet HTML 8Page - Allegro MicroSystems A1244 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Characteristic Performance
Supply Voltage, VCC (V)
17
16
15
14
13
12
2
6
10
14
18
22
26
TA = 150°C
TA = –40°C
TA = 25°C
Average Supply Current (High) versus Supply Voltage
VCC = 3.0 V
VCC = 24 V
-60
-40
-20
0
20
40
60
80
100
140
120
160
Ambient Temperature, TA (°C)
17
16
15
14
13
12
Average Supply Current (High) versus Temperature
Supply Voltage, VCC (V)
2
6
10
14
18
22
26
TA = 150°C
TA = –40°C
TA = 25°C
7.0
6.5
6.0
5.5
5.0
Average Supply Current (Low) versus Supply Voltage
VCC = 3.0 V
VCC = 24 V
7.0
6.5
6.0
5.5
5.0
-60
-40
-20
0
20
40
60
80
100
140
120
160
Ambient Temperature, TA (°C)
Average Supply Current (Low) versus Temperature
A1244-I1
A1244-I1,I2
A1244-I1
A1244-I1,I2
Chopper-Stabilized, Two Wire
Hall-Effect Latch
A1244
5
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com