Electronic Components Datasheet Search
  English  ▼

X  

A1244 Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # A1244
Description  Chopper-Stabilized, Two Wire Hall-Effect Latch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1244 Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button A1244 Datasheet HTML 4Page - Allegro MicroSystems A1244 Datasheet HTML 5Page - Allegro MicroSystems A1244 Datasheet HTML 6Page - Allegro MicroSystems A1244 Datasheet HTML 7Page - Allegro MicroSystems A1244 Datasheet HTML 8Page - Allegro MicroSystems A1244 Datasheet HTML 9Page - Allegro MicroSystems A1244 Datasheet HTML 10Page - Allegro MicroSystems A1244 Datasheet HTML 11Page - Allegro MicroSystems A1244 Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Chopper-Stabilized, Two Wire
Hall-Effect Latch
A1244
11
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Package UA, 3-Pin SIP
23
1
1.27 NOM
1.02
MAX
45°
45°
C
1.52 ±0.05
B
Gate and tie bar burr area
A
B
C
Dambar removal protrusion (6X)
A
D
E
E
E
1.44
2.04
E
Active Area Depth, 0.50 mm REF
Branding scale and appearance at supplier discretion
Hall element (not to scale)
For Reference Only; not for tooling use (reference DWG-9065)
Dimensions in millimeters
Dimensions exclusive of mold flash, gate burrs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
Mold Ejector
Pin Indent
D Standard Branding Reference View
= Supplier emblem
N = Last three digits of device part number
NNN
1
0.41 +0.03
–0.06
0.43 +0.05
–0.07
14.99 ±0.25
4.09 +0.08
–0.05
3.02 +0.08
–0.05
0.79 REF
10°
Branded
Face



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com