Electronic Components Datasheet Search
  English  ▼

X  

NPT1015 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # NPT1015
Description  Gallium Nitride 28V, 45W, DC-3.5 GHz HEMT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPT1015 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  NPT1015 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. NPT1015 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. NPT1015 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. NPT1015 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPT1015 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. NPT1015 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. NPT1015 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. NPT1015 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. NPT1015 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Page 1
NPT1015
NDS-035 Rev. 2, 121213
Gallium Nitride 28V, 45W, DC-3.5 GHz HEMT
Built using the SIGANTIC® process - A proprietary GaN-on-Silicon technology
DC-3.5 GHz
45W
GaN HEMT
Symbol
Parameter
Min
Typ
Max
Units
GSS
Small-signal Gain
-
13.5
-
dB
PSAT
Saturated Output Power
-
47.3
-
dBm
SAT
Efficiency at Saturated Output Power
-
57
-
%
GP
Gain at POUT = 45W
10.5
12
-
dB
Drain Efficiency at POUT = 45W
47
54
-
%
VDS
Drain Voltage
-
28
-
V
Ruggedness: Output Mismatch, All Phase Angles
VSWR = 15:1, No Device Damage
RF Specifications (CW, 2.5 GHz): VDS = 28V, IDQ = 400mA, TC= 25°C
Product Description
The NPT1015 GaN HEMT is a wideband transistor optimized for DC-3.5 GHz operation. This
device has been designed for CW, pulsed, and linear operation with output power levels to 45W
(46.5 dBm) in an industry standard metal-ceramic package with a bolt down flange. This product
has been designed to be reliable, with a low thermal resistance, and rugged, able to withstand
extreme mismatch on the input and output with no device damage.
Features
Suitable for linear and saturated applications
Tunable from DC-3.5 GHz
28V Operation
Industry Standard Package
High Drain Efficiency (>55%)
Rugged Design Passes 15:1 VSWR test
Reliable with MTTF > 106 at TJ = 200°C
Applications
Defense Communications
Land Mobile Radio
Avionics
Wireless Infrastructure
ISM Applications
VHF/UHF/L-Band Radar


Similar Part No. - NPT1015

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPT1015B MA-COM-NPT1015B Datasheet
1Mb / 12P
GaN Wideband Transistor 28 V, 45 W DC - 3.5 GHz
NPT1015B-SMBPPR MA-COM-NPT1015B-SMBPPR Datasheet
1Mb / 12P
GaN Wideband Transistor 28 V, 45 W DC - 3.5 GHz
NPT1015 MA-COM-NPT1015_15 Datasheet
2Mb / 10P
DC-3.5 GHz HEMT
More results

Similar Description - NPT1015

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPT1004 MA-COM-NPT1004 Datasheet
541Kb / 6P
Gallium Nitride 28V, 45W RF Power Transistor
NPT2010 MA-COM-NPT2010 Datasheet
2Mb / 10P
Gallium Nitride 48V, 100W, DC-2.2 GHz HEMT
NPT2018 MA-COM-NPT2018 Datasheet
927Kb / 5P
Gallium Nitride 48V, 12.5W, DC-6 GHz HEMT
NPT2019 MA-COM-NPT2019 Datasheet
918Kb / 5P
Gallium Nitride 48V, 25W, DC-6 GHz HEMT
NPT2020 MA-COM-NPT2020 Datasheet
1Mb / 8P
Gallium Nitride 48V, 50W, DC-3.5 GHz HEMT
NPT2021-DC-2P2GHZ-50W MA-COM-NPT2021-DC-2P2GHZ-50W Datasheet
951Kb / 4P
Gallium Nitride 48V, 50W, DC-2.2 GHz HEMT
NPT2022 MA-COM-NPT2022 Datasheet
2Mb / 10P
Gallium Nitride 48V, 100W, DC-2 GHz HEMT
NPTB00004A MA-COM-NPTB00004A Datasheet
2Mb / 10P
Gallium Nitride 28V, 5W, DC-6 GHz HEMT
NPT1015 MA-COM-NPT1015_15 Datasheet
2Mb / 10P
DC-3.5 GHz HEMT
logo
List of Unclassifed Man...
NPT1010 ETC2-NPT1010 Datasheet
1Mb / 10P
Gallium Nitride 28V, 100W RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com