Electronic Components Datasheet Search
  English  ▼

X  

NPT1015 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # NPT1015
Description  Gallium Nitride 28V, 45W, DC-3.5 GHz HEMT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPT1015 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  NPT1015 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. NPT1015 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. NPT1015 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. NPT1015 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPT1015 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. NPT1015 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. NPT1015 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. NPT1015 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. NPT1015 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Page 3
NPT1015
NDS-035 Rev. 2, 121213
Frequency
(MHz)
ZS ()
ZL ()
PSAT (W)
GSS (dB)
Drain Efficiency
@ PSAT (%)
900
1.1 + j0.7
6.3 + j1.8
53.7
22.5
65.1
2200
1.6 - j6.0
5.4 - j0.6
53.2
15.8
64.8
2500
1.5 - j6.7
5.2 - j2.2
50.9
15.0
60.8
3500
2.6 - j15
3.9 - j6.3
42.0
13.9
55.4
Optimum Source and Load Impedances:
(CW Drain Efficiency and Output Power Tradeoff Impedance)
Figure 1: CW Power/Drain Efficiency
Tradeoff Impedances, ZO=10
Load-Pull Data, Reference Plane at Device Leads
VDS=28V, IDQ=400mA, TC=25C unless otherwise noted
Figure 2: Gain vs. POUT
Figure 3: Drain Efficiency vs. POUT
10
12
14
16
18
20
22
24
25
30
35
40
45
50
900MHz
2200MHz
2500MHz
3500MHz
P
OUT (dBm)
0
10
20
30
40
50
60
70
25
30
35
40
45
50
900MHz
2200MHz
2500MHz
3500MHz
P
OUT (dBm)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com