Electronic Components Datasheet Search
  English  ▼

X  

NPT1015 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # NPT1015
Description  Gallium Nitride 28V, 45W, DC-3.5 GHz HEMT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPT1015 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  NPT1015 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. NPT1015 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. NPT1015 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. NPT1015 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPT1015 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. NPT1015 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. NPT1015 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. NPT1015 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. NPT1015 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Page 4
NPT1015
NDS-035 Rev. 2, 121213
2.5 GHz Narrowband Circuit
(CW, VDS=28V, IDQ=400mA, TC=25C, unless otherwise noted)
Figure 4: Component Placement of 2.5 GHz Narrowband Circuit for NPT1015
Reference
Value
Manufacturer
Part Number
C1, C5
1uF
AVX
1210C105KAT2A
C2, C6
0.1uF
Kemet
C1206C104K1RACTU
C3, C7
0.01uF
AVX
1206C103KAT2A
C4, C8
1000pF
Kemet
C0805C102K1RACTU
C9, C14
10pF
ATC
ATC800B100B
C10
20pF
ATC
ATC800B200B
C11
2.4pF
ATC
ATC600F2R4B
C12
2.2pF
ATC
ATC600F2R2B
C13
10pF
ATC
ATC600F100B
C15
0.6pF
ATC
ATC600F0R6B
L1
19.4nH
CoilCraft
0806SQ-19NJL
R1
15Ω
Panasonic
ERJ-2RKF15R0X
PCB
RO4350,
r=3.5, 0.020”
Rogers
Nitronex NBD-139r1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com