Electronic Components Datasheet Search
  English  ▼

X  

SIM3U167 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SIM3U167
Description  High-Performance, Low-Power, 32-Bit Precision32??USB MCU Family with up to 256 kB of Flash Die in Wafer Form
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SIM3U167 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SIM3U167 Datasheet HTML 7Page - Silicon Laboratories SIM3U167 Datasheet HTML 8Page - Silicon Laboratories SIM3U167 Datasheet HTML 9Page - Silicon Laboratories SIM3U167 Datasheet HTML 10Page - Silicon Laboratories SIM3U167 Datasheet HTML 11Page - Silicon Laboratories SIM3U167 Datasheet HTML 12Page - Silicon Laboratories SIM3U167 Datasheet HTML 13Page - Silicon Laboratories SIM3U167 Datasheet HTML 14Page - Silicon Laboratories SIM3U167 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
SiM3U167-B-GDI
Rev. 1.1
11
Table 3. Bond Pad Coordinates (Relative to Center of Die)
Physical Pad
Number
Example Package
Pin Number
(TQFP-80)
Package Pin Name
Physical Pad
X (µm)
Physical Pad
Y (µm)
1
1
PB4.5
1674
–1457
2
2
PB4.4
1674
–1224
3
3
PB4.3
1674
–990
4
4
VSSHD
1674
–826
5
5
VIOHD
1674
–721
6
6
PB4.2
1674
–554
7
7
PB4.1
1674
–321
8
8
PB4.0
1674
–87
9
33,75
GND
1760
113
10
NA
Reserved*
1760
188
11
NA
Reserved*
1760
263
12
NA
Reserved*
1760
338
13
9
PB3.11
1760
754
14
10
PB3.10
1760
829
15
11
PB3.9
1760
904
16
12
PB3.8
1760
979
17
13
PB3.7
1760
1054
18
14
PB3.6
1760
1129
19
33,75
GND
1760
1212
20
15
PB3.5
1760
1294
21
16
PB3.4
1760
1369
22
17
PB3.3
1760
1444
23
18
PB3.2
1760
1519
24
19
PB3.1
1760
1594
25
20
PB3.0
1760
1669
26
21
PB2.14
1506
1836
*Note: Pins marked “Reserved” should not be connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com