Electronic Components Datasheet Search
  English  ▼

X  

PBW30F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PBW30F
Description  AC-DC Power Supplies Enclosed type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PBW30F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PBW30F Datasheet HTML 1Page - List of Unclassifed Manufacturers PBW30F Datasheet HTML 2Page - List of Unclassifed Manufacturers PBW30F Datasheet HTML 3Page - List of Unclassifed Manufacturers PBW30F Datasheet HTML 4Page - List of Unclassifed Manufacturers PBW30F Datasheet HTML 5Page - List of Unclassifed Manufacturers PBW30F Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2.5
Point A:C102
Mounting hole
2-M3
Mounting hole
2-M3
-V
AC(N)
AC(L)
FG
COM
+V
Cover name plate
Cover (option)
Name plate
M3
Terminal cover
5
36.5
85
12.2
±1.5
18
31±0.5
60
±0.5
16.5
±2
15.1
±1.5
22.6
±1.5
PBA15F
PBW15F
LED
Voltage adjust
Tolerance : ±1 [±0.04]
Weight : 200g max (without cover)
PCB Material/thickness : CEM3 / 1.6mm [0.06]
¶ Chassis material : Electric galvanizing steel board
Dimensions in mm, [
]= inches
Mounting torque : 0.6N • m(6.3kgf • cm)max
Screw tightening torque : M3 0.8N • m(8.5kgf • cm)max
Please connect safety ground to the unit in 2-M3 holes.
¶ External size of option T,J,N,N1 and V is different from standard model and refer to 7 Option of instruction manual for details.
[0.71]
[0.48]
[0.59]
[0.89]
[0.1]
[0.65]
[3.35]
[1.22]
[2.36]
[0.2]
[1.44]
PBA/PBW
PBA/PBW-27
PBW15F
Block diagram
2.5A
AC250V
AC IN
+V
COM
DC
OUT
-V
FG
85
- 264V
NOISE
FILTER
INVERTER
CONTROL
CURRENT
SENSING
RECTIFIER
AND
FILTER
RECTIFIER
AND
FILTER
CONTROL
Photocoupler
Photocoupler
TRANSFORMER
INRUSH
CURRENT
LIMIT
FUSE
OVER VOLTAGE
PROTECTION
RECTIFIER
AND
FILTER
External view



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com