Electronic Components Datasheet Search
  English  ▼

X  

PBW30F Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PBW30F
Description  AC-DC Power Supplies Enclosed type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PBW30F Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  PBW30F Datasheet HTML 1Page - List of Unclassifed Manufacturers PBW30F Datasheet HTML 2Page - List of Unclassifed Manufacturers PBW30F Datasheet HTML 3Page - List of Unclassifed Manufacturers PBW30F Datasheet HTML 4Page - List of Unclassifed Manufacturers PBW30F Datasheet HTML 5Page - List of Unclassifed Manufacturers PBW30F Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Tolerance : ±1 [±0.04]
Weight : 280g max (without cover)
PCB Material/thickness : CEM3 / 1.6mm [0.06]
¶ Chassis material : Aluminum
Dimensions in mm, [
]= inches
Mounting torque : 0.49N • m(5kgf • cm)max
Screw tightening torque : M3 0.8N • m(8.5kgf • cm)max
Please connect safety ground to the unit in 2-M3 holes.
¶ External size of option T,J,R,N,N1 and V is different from standard model and refer to 7 Option of instruction manual for details.
LED
Voltage adjust
PBW50F
-V
CN3
Connector for Remote ON/OFF (option)
2
1
Cover name plate
Cover (option)
A
Name plate
M3
Mounting hole
2-M3
Mounting hole
2-M3
AC(N)
AC(L)
FG
COM
+V
Terminal cover
Point A
(16.5)
(20)
(11)
(21.5)
(14)
120
4
77 ±0.5
88 ±0.5
11
Pin No.
Contents
1
2
RC(+)
RC(-)
CN3 Option (Mfr : J.S.T.)
Connector type
Model B2B-XH-A
Mating Connector (Terminal)
XHP-2
BXH-001T-P0.6
or SXH-001T-P0.6
Barrier strip type
()
[0.79]
[0.65]
[4.72]
[3.03]
[0.16]
[0.43]
[3.46]
[0.43]
[0.55]
[0.85]
PBA/PBW
PBA/PBW-31
PBW50F
Block diagram
FG
CONTROL
TRANSFORMER
CONTROL
+DC OUT
NOISE
FILTER
-DC OUT
INVERTER
AC IN 85 - 264V
FUSE
RECTIFIER
BOOSTER
INDUCTER
INVERTER
CONTROL
RC
EXTERNAL
SOURCE
E
OPTION
250V2A
RECTIFIER
AND
FILTER
RECTIFIER
AND
FILTER
INRUSH
CURRENT
LIMIT
RECTIFIER
AND
FILTER
OVER VOLTAGE
PROTECTION
CURRENT
SENSING
CURRENT
SENSING
External view



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com