Electronic Components Datasheet Search
  English  ▼

X  

PBW30F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PBW30F
Description  AC-DC Power Supplies Enclosed type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PBW30F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PBW30F Datasheet HTML 1Page - List of Unclassifed Manufacturers PBW30F Datasheet HTML 2Page - List of Unclassifed Manufacturers PBW30F Datasheet HTML 3Page - List of Unclassifed Manufacturers PBW30F Datasheet HTML 4Page - List of Unclassifed Manufacturers PBW30F Datasheet HTML 5Page - List of Unclassifed Manufacturers PBW30F Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL
PBW15F-12
PBW15F-15
MAX OUTPUT WATTAGE[W]
*5 16.8
15.0
DC OUTPUT
VOLTAGE[V]
*6
t12 ( +24 )
t15 ( +30 )
CURRENT1[A] 0.7
0.5
CURRENT2[A]
*5 1.4
1.0
SPECIFICATIONS
MODEL
PBW15F-12
PBW15F-15
INPUT
VOLTAGE[V]
AC85 - 264 1
f or DC110 - 370 (AC50 or DC70 Please refer to the instruction manual 2.1 Input voltage *8)
CURRENT[A]
ACIN 100V 0.40typ (CURRENT1)
ACIN 200V 0.20typ (CURRENT1)
FREQUENCY[Hz]
50/60 (47 - 440) or DC
EFFICIENCY[%]
ACIN 100V 74typ (CURRENT1)
78typ (CURRENT1)
ACIN 200V 77typ (CURRENT1)
80typ (CURRENT1)
INRUSH CURRENT[A]
ACIN 100V 15typ (CURRENT1)(At cold start)
ACIN 200V 30typ (CURRENT1)(At cold start)
LEAKAGE CURRENT[mA]
0.15/0.30max (ACIN 100V/240V 60Hz, Io=100%, According to IEC60950-1,DENAN)
OUTPUT
VOLTAGE[V]
t12
/ ( +24V reference number )
t15
/ ( +30V reference number )
CURRENT1[A]
0.7
/ 0.7
0.5
/ 0.5
CURRENT2[A]
*5 1.4
/ -
1.0
/ -
LINE REGULATION[mV]
*9 60max
/ 96max
60max
/ 96max
LOAD REGULATION 1[mV]
*3 600max
/ 150max
600max
/ 150max
LOAD REGULATION 2[mV]
*4
*11
*11
*11 750max
/ -
750max
/ -
RIPPLE[mVp-p]
0to+50
C*1 120max
/ 240max
120max
/ 240max
-10-0
C*1 160max
/ 320max
160max
/ 320max
RIPPLE NOISE[mVp-p]
0to+50
C*1 150max
/ 300max
150max
/ 300max
-10-0
C*1 180max
/ 360max
180max
/ 360max
TEMPERATURE REGULATION[mV]
0to+50
C 120max
150max
-10 to +50
C 150max
180max
DRIFT[mV]
*2 48max
60max
START-UP TIME[ms]
200typ(ACIN 100V, Io=100%)
*Start-up time is 700ms typ for less than 1minute of applying input again from turning off the input voltage.
HOLD-UP TIME[ms]
20typ (ACIN 100V, Io=100%)
OUTPUT VOLTAGE ADJUSTMENT RANGE[V]
9.60 - 13.2 (+V and -V are simultaneously adjusted)
13.2 - 16.5 (+V and -V are simultaneously adjusted)
OUTPUT VOLTAGE SETTING[V]
11.5 - 12.5 (+V and -V CURRENT1)
14.4 - 15.6 (+V and -V CURRENT1)
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION
Works over 105% of rated current and recovers automatically
OVERVOLTAGE PROTECTION[V]
16.8 - 24.0
20.0 - 29.0
OPERATING INDICATION
LED (Green)
REMOTE ON/OFF
None
ISOLATION
INPUT-OUTPUT
AC3,000V 1minute, Cutoff current = 10mA, DC500V 50M
W min (At Room Temperature)
INPUT-FG
AC2,000V 1minute, Cutoff current = 10mA, DC500V 50M
W min (At Room Temperature)
OUTPUT-FG
AC500V 1minute, Cutoff current = 25mA, DC500V 50M
W min (At Room Temperature)
ENVIRONMENT
OPERATING TEMP.,HUMID.AND ALTITUDE
-10 to +71
C (Required Derating), 20 - 90%RH (Non condensing) 3,000m (10,000feet) max
STORAGE TEMP.,HUMID.AND ALTITUDE
-20 to +75
C, 20 - 90%RH (Non condensing) 9,000m (30,000feet) max
VIBRATION
10 - 55Hz, 19.6m/s2 (2G), 3minutes period, 60minutes each along X, Y and Z axis
IMPACT
196.1m/s2 (20G), 11ms, once each X, Y and Z axis
SAFETY AND
NOISE
REGULATIONS
AGENCY APPROVALS (At only AC input)
UL60950-1, C-UL(CSA60950-1), EN60950-1, EN50178 Complies with DEN-AN
CONDUCTED NOISE
Complies with FCC Part15 classB, VCCI-B, CISPR22-B, EN55011-B, EN55022-B
HARMONIC ATTENUATOR
Complies with IEC61000-3-2 (Not built-in to active filter
*7)
OTHERS
CASE SIZE/WEIGHT
31
X78X85mm [1.22X3.07X3.35 inches] (without terminal block)(WXHXD) / 200g max (without cover)
COOLING METHOD
Convection
*12
*1 Measured by 20MHz oscilloscope or Ripple-Noise
meter(equivalent to KEISOKU-GIKEN : RM101).
*2 Drift is the change in DC output for an eight hour period
after a half-hour warm-up at 25
C.
*3 Figures for 0 to rated current 1.The current not measured
side is fixed.
*4 Figures for 0 to rated current 2.The current not measured
side is fixed.
*5 The sum of +power -power must be less than output power.
*6 t12,t15 can be used as +24 and +30.
*7 When two or more units are used,they may not comply with
the harmonic attenuator. Please contact us for details.
*8 Derating is required.
*9 Figures to rated current 1.
*10 Please contact us about safety approvals for the model with
option.
*11 Please contact us about dynamic load and input response.
*12 Please contact us about class C.
* Parallel operation with other model is not possible.
* Derating is required when operated with cover.
* A sound may occur from power supply at peak loading.
PBW15F
AC-DC Power Supplies Enclosed type
PB
W
15
F
-
O
-
O
Ordering information
1Series name
2Dual output
3Output wattage
4Universal input
5Output voltage
6Optional *10
C :with Coating
G :Low leakage current
E :Low leakage current
and EMI class A
T :Vertical terminal block
J :Connector type
N :with Cover
N1 :with DIN rail
V :Output voltage setting
potentiometer external-
ly
R
123456
PBA/PBW
PBA/PBW-26
Recommended EMI/EMC Filter
NAC-06-472
High voltage pulse noise type : NAP series
Low leakage current type : NAM series
*The EMI/EMC Filter is recommended
*to connect with several devices.
Cover is optional


Similar Part No. - PBW30F

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PBW30F RSG-PBW30F Datasheet
646Kb / 6P
AC-DC Power Supplies Enclosed type
PBW30F-15-N RSG-PBW30F-15-N Datasheet
646Kb / 6P
AC-DC Power Supplies Enclosed type
More results

Similar Description - PBW30F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R50A-15-N ETC2-R50A-15-N Datasheet
501Kb / 12P
AC-DC Power Supplies Enclosed type
logo
RSG Electronic Componen...
PAA75F RSG-PAA75F_14 Datasheet
417Kb / 12P
AC-DC Power Supplies Enclosed type
PBA10F RSG-PBA10F_14 Datasheet
949Kb / 14P
AC-DC Power Supplies Enclosed type
PBA30F RSG-PBA30F_14 Datasheet
949Kb / 14P
AC-DC Power Supplies Enclosed type
PBA150F RSG-PBA150F_14 Datasheet
949Kb / 14P
AC-DC Power Supplies Enclosed type
PBW30F RSG-PBW30F Datasheet
646Kb / 6P
AC-DC Power Supplies Enclosed type
PBW50F RSG-PBW50F Datasheet
646Kb / 6P
AC-DC Power Supplies Enclosed type
logo
List of Unclassifed Man...
PBA150F-12-N ETC2-PBA150F-12-N Datasheet
903Kb / 14P
AC-DC Power Supplies Enclosed type
logo
COSEL CO., LTD.
PJA COSEL-PJA Datasheet
2Mb / 16P
AC-DC Power Supplies Enclosed Type
June 25, 2020
PLA15F COSEL-PLA15F Datasheet
1Mb / 14P
AC-DC Power Supplies Enclosed Type
April 17, 2018
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com