Electronic Components Datasheet Search
  English  ▼

X  

2SJ494 Datasheet(PDF) 5 Page - NEC

Part # 2SJ494
Description  SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SJ494 Datasheet(HTML) 5 Page - NEC

  2SJ494 Datasheet HTML 1Page - NEC 2SJ494 Datasheet HTML 2Page - NEC 2SJ494 Datasheet HTML 3Page - NEC 2SJ494 Datasheet HTML 4Page - NEC 2SJ494 Datasheet HTML 5Page - NEC 2SJ494 Datasheet HTML 6Page - NEC 2SJ494 Datasheet HTML 7Page - NEC 2SJ494 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
2SJ494
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
VSD - Source to Drain Voltage - V
CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
SWITCHING CHARACTERISTICS
ID - Drain Current - A
1
–0.1
0
–50
40
0
50
100
150
ID = –10 A
–0.1
0
–1
–10
–100
–1.0
Pulsed
10
–0.1
100
1 000
10 000
–1
–10
–100
VGS = 0
f = 1 MHz
10
100
1 000
–1
–10
–100
REVERSE RECOVERY TIME vs.
DRAIN CURRENT
IF - Diode Current - A
di/dt = 50 A/ s
VGS = 0
µ
1
–0.1
10
–1
–10
–100
–2.0
–3.0
VDD = –30 V
VGS = –10 V
RG = 10
Ω
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
QG - Gate Charge - nC
0
20
40
60
80
–20
–40
–60
–80
–2
–4
–6
–8
0
80
160
120
VGS = –4 V
VGS = –10 V
Ciss
Coss
Crss
VDD = –48 V
–24 V
–12 V
VGS
VDS
td(off)
td(on)
tr
tf
VGS = –4 V
VGS = 0
1000
100
–12
–14
–10
ID = –20 A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com