Electronic Components Datasheet Search
  English  ▼

X  

2SJ494 Datasheet(PDF) 1 Page - NEC

Part # 2SJ494
Description  SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SJ494 Datasheet(HTML) 1 Page - NEC

  2SJ494 Datasheet HTML 1Page - NEC 2SJ494 Datasheet HTML 2Page - NEC 2SJ494 Datasheet HTML 3Page - NEC 2SJ494 Datasheet HTML 4Page - NEC 2SJ494 Datasheet HTML 5Page - NEC 2SJ494 Datasheet HTML 6Page - NEC 2SJ494 Datasheet HTML 7Page - NEC 2SJ494 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MOS FIELD EFFECT POWER TRANSISTORS
2SJ494
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
1998
©
Document No. D11266EJ2V0DS00 (2nd edition)
Date Published January 1998 N CP(K)
Printed in Japan
DATA SHEET
DESCRIPTION
This product is P-Channel MOS Field Effect Transistor
designed for high current switching applications.
FEATURES
•
Super Low On-State Resistance
RDS(on)1 = 50 m
: Max. (VGS = –10 V, ID = –10 A)
RDS(on)2 = 88 m
: Max. (VGS = –4 V, ID = –10 A)
•
Low Ciss
Ciss = 2360 pF Typ.
•
Built-in Gate Protection Diode
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage
VDSS
–60
V
Gate to Source Voltage*
VGSS (AC)
+20
V
Gate to Source Voltage
VGSS (DC)
–20, 0
V
Drain Current (DC)
ID (DC)
+20
A
Drain Current (pulse)**
ID (pulse)
+80
A
Total Power Dissipation (TC = 25 °C)
PT
35
W
Total Power Dissipation (TA = 25 °C)
PT
2.0
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
–55 to +150
°C
* f = 20 kHz, Duty Cycle
d 10% (+Side)
** PW
d 10
Ps, Duty Cycle d 1%
THERMAL RESISTANCE
Channel to Case
Rth (ch-C)
3.57 °C/W
Channel to Ambient
Rth (ch-A)
62.5 °C/W
The diode connected between the gate and source of the transistor serves as a protector against ESD. When this
device actually used, an additional protection circuit is externally required if a voltage exceeding the rated voltage
may be applied to this device.
PACKAGE DIMENSIONS
(in millimeter)
1. Gate
2. Drain
3. Source
10.0±0.3
3.2±0.2
2.7±0.2
1.3±0.2
0.7±0.1
2.54
2.54
1.5±0.2
12 3
4.5±0.2
2.5±0.1
0.65±0.1
ISOLATED TO-220 (MP-45F)
Body
Diode
Source
Drain
Gate
Gate Protection
Diode
–
–
–


Similar Part No. - 2SJ494

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
2SJ494 VBSEMI-2SJ494 Datasheet
932Kb / 7P
P-Channel 60 V (D-S) MOSFET
logo
Renesas Technology Corp
2SJ494 RENESAS-2SJ494 Datasheet
311Kb / 10P
MOS FIELD EFFECT POWER TRANSISTORS
1998
logo
Inchange Semiconductor ...
2SJ494 ISC-2SJ494 Datasheet
296Kb / 2P
isc P-Channel MOSFET Transistor
More results

Similar Description - 2SJ494

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ302 NEC-2SJ302 Datasheet
440Kb / 8P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ329 NEC-2SJ329 Datasheet
344Kb / 6P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ330 NEC-2SJ330 Datasheet
339Kb / 6P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ331 NEC-2SJ331 Datasheet
345Kb / 6P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ493 NEC-2SJ493 Datasheet
66Kb / 8P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ495 NEC-2SJ495 Datasheet
75Kb / 8P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1716 NEC-UPA1716 Datasheet
66Kb / 8P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1730 NEC-UPA1730 Datasheet
71Kb / 8P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ600 NEC-2SJ600 Datasheet
40Kb / 4P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ601 NEC-2SJ601 Datasheet
54Kb / 4P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com