Electronic Components Datasheet Search
  English  ▼

X  

XP1044-QL Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # XP1044-QL
Description  3W Power Amplifier Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XP1044-QL Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  XP1044-QL Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XP1044-QL Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XP1044-QL Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XP1044-QL Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XP1044-QL Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XP1044-QL Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XP1044-QL Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. XP1044-QL Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. XP1044-QL Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
3W Power Amplifier Module
4.0-5.9 GHz
XP1044-QL
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Rev. V2
Features
 34 dBm P1dB
 Pout 26 dBm @ EVM = 2.5% (PAR=9.17 dB)
 46 dBm OIP3
 18.5 dB Gain
 8V Voltage Supply
 Input Internally Matched
 7x7mm Surface Mount Package
 Ideal for WiMAX Applications @ 5.8 GHz and
 Applications between 4 GHz and 5 GHz
 RoHS* Compliant and 260°C Reflow Compatible
Description
The XP1044 is a highly linear 2-stage power
amplifier capable of 18.5 dB of gain, 34 dBm of
power at 1 dB compression and is housed in an
RoHS compliant 7x7mm package. The XP1044
provides less than 2.5% EVM at 26 dBm output
power with 802.16 OFDM signal and peak to
average ratio 9.17 dB. The input and output of the
device are internally pre-matched facilitating a
simplified input and output match.
This product
operates off an 8V voltage supply and requires
negative voltage which is used for current control.
The XP1044-QL is specifically designed for WiMAX
applications between 4.9 GHz and 5.9 GHz, and the
performance can be shifted by adding external
matching components to cover applications between
4.0 GHz and 5.0 GHz.
Ordering Information
Part Number
Package
XP1044-QL-0N00
bulk quantity
XP1044-QL-EV1
evaluation module
for 4.9 GHz ~ 5.9 GHz
XP1044-QL-EV2
evaluation module
for 4.0 GHz ~ 5.0 GHz
Pin Configuration
Pin No.
Function
Pin No.
Function
3,4,5
RF IN
23
VD1
8
VG!
22
VD2
9
VG2
1,2,6,7,10,
11,12,13,
14,15,16,
20,21,24,
25,26,27,
28
GND
17,18,19
RF OUT
Absolute Maximum Ratings
Parameter
Absolute Max.
Drain Supply Voltage (Vd)
+9.0 V
Gate Supply Voltage (Vg)
0 V ~ -5 V
RF Input Power (RFin)
+23 dBm
Stage 1 Current (Idd1)
375 mA
Stage 2 Current (Idd2)
750 mA
Power Dissipation (PDC)
9,0 W
Storage Temperature
-55 °C to +150 °C
Junctions Temperature
175 °C
Operating Temperature (Ta)
-40 °C to See Note 2
ESD (HBM)
Class 1A
Moisture Sensitivity level
MSL3
Thermal Resistance (Rth)1
15.6 °C
(1)
*Thermal resistance of stage 2 only
(2)
Calculate maximum operating backside temperature using: Tmax =
167 °C – [Vd*Idd2*Rth]. Thermal resistance of the 1st stage is 2x Rth
of the output stage, and therefore Idd1 must not exceed ½ Idd2 for a
specific maximum temperature
Functional Block Diagram
Pin-out Details:
Pin 1 Indicator


Similar Part No. - XP1044-QL

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1044-QL MIMIX-XP1044-QL Datasheet
200Kb / 5P
4.9-5.9 GHz 3W Power Amplifier Module
XP1044-QL MIMIX-XP1044-QL Datasheet
1Mb / 10P
3W Power Amplifier ModuleMarch
XP1044-QL-0N00 MIMIX-XP1044-QL-0N00 Datasheet
200Kb / 5P
4.9-5.9 GHz 3W Power Amplifier Module
XP1044-QL-EV1 MIMIX-XP1044-QL-EV1 Datasheet
200Kb / 5P
4.9-5.9 GHz 3W Power Amplifier Module
XP1044-QL MIMIX-XP1044-QL_10 Datasheet
1Mb / 10P
3W Power Amplifier ModuleMarch
More results

Similar Description - XP1044-QL

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1044-QL MIMIX-XP1044-QL Datasheet
200Kb / 5P
4.9-5.9 GHz 3W Power Amplifier Module
XP1044-QL MIMIX-XP1044-QL_10 Datasheet
1Mb / 10P
3W Power Amplifier ModuleMarch
logo
M/A-COM Technology Solu...
MAAP-010517 MA-COM-MAAP-010517 Datasheet
490Kb / 8P
3W Power Amplifier
MAAP-010517 MA-COM-MAAP-010517_15 Datasheet
490Kb / 8P
3W Power Amplifier
XP1044-QL MA-COM-XP1044-QL_15 Datasheet
1Mb / 10P
3W Power Amplifier Module
logo
SHENZHEN FUMAN ELECTRON...
SC8002B FUMAN-SC8002B Datasheet
471Kb / 6P
3W audio power amplifier IC
TC8002CS FUMAN-TC8002CS Datasheet
384Kb / 5P
3W audio power amplifier IC
TC8002D FUMAN-TC8002D Datasheet
312Kb / 5P
3W audio power amplifier IC
logo
Elite Enterprises (H.K....
PG1M-1LXP-003AC ELITE-PG1M-1LXP-003AC Datasheet
1Mb / 15P
3W Power LED Module
PG1M-1LXP-3SC ELITE-PG1M-1LXP-3SC Datasheet
541Kb / 14P
3W Power LED Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com