Electronic Components Datasheet Search
  English  ▼

X  

XP1044-QL Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # XP1044-QL
Description  3W Power Amplifier Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XP1044-QL Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  XP1044-QL Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XP1044-QL Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XP1044-QL Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XP1044-QL Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XP1044-QL Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XP1044-QL Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XP1044-QL Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. XP1044-QL Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. XP1044-QL Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
3W Power Amplifier Module
4.0-5.9 GHz
XP1044-QL
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Rev. V2
Typical Performance Curves (EV1, Idq1 = 300 mA, Idq2 = 600 mA)
15
16
17
18
19
20
10
11
12
13
14
4.8
4.9
5
5.1
5.2
5.3
5.4
5.5
5.6
5.7
5.8
5.9
6
-8
-6
-4
-2
0
-16
-14
-12
-10
-8
4.8
4.9
5
5.1
5.2
5.3
5.4
5.5
5.6
5.7
5.8
5.9
6
-4
-3
-2
-1
0
-10
-9
-8
-7
-6
-5
4.8
4.9
5
5.1
5.2
5.3
5.4
5.5
5.6
5.7
5.8
5.9
6
-44
-40
-36
-32
4.9GHz
5.0GHz
5.1GHz
5.2GHz
5.3GHz
5 4GH
-60
-56
-52
-48
23
23
24
24
25
25
26
26
27
27
28
28
5.4GHz
5.5GHz
5.6GHz
5.7GHz
5.8GHz
5.9GHz
6.0GHz
47
48
49
50
51
52
4.9GHz
5.0GHz
5.1GHz
38
39
40
41
42
43
44
45
46
47
18
19
20
21
22
23
24
25
26
27
28
5.2GHz
5.3GHz
5.4GHz
5.5GHz
5.6GHz
5.7GHz
5.8GHz
5.9GHz
6.0GHz
33
33.5
34
34.5
35
30
30.5
31
31.5
32
32.5
33
4 9
5 0
5 1
5 2
5 3
5 4
5 5
5 6
5 7
5 8
5 9
6 0
P1dB
Psat
4.9
5.0
5.1
5.2
5.3
5.4
5.5
5.6
5.7
5.8
5.9
6.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com