Electronic Components Datasheet Search
  English  ▼

X  

XP1044-QL Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # XP1044-QL
Description  3W Power Amplifier Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XP1044-QL Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  XP1044-QL Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XP1044-QL Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XP1044-QL Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XP1044-QL Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XP1044-QL Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XP1044-QL Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XP1044-QL Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. XP1044-QL Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. XP1044-QL Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
3W Power Amplifier Module
4.0-5.9 GHz
XP1044-QL
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Rev. V2
Evaluation Board Layout (4.9 GHz ~ 5.9 GHz
Ref Designator
Description
QTY
C1 , C2
10.0 pF 0402 Capacitor
1
C3, C4, C5, C6
1000 pF 0402 Capacitor
4
2
C
1
C
C3 C4
C5 C6
C7
C9
C10
C7, C8, C9, C10
1 uF A-Case Capacitor
4
0
1
C
9
C
C5
C6
2
d
V
1
d
V
C8
t
u
O
F
R
n
i
F
R
2
C
1
C
Material: Rogers 4003
Thickness: 8mil
8
C
7
C
C3
C4
2
g
V
1
g
V
Dimensions are in inches.
Input Match Details
Output Match Details
For improved performance at 6 GHz the thick transmission line (W=0.069”) on the output can be extended to touch the two open stubs.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com