| Electronic Components Datasheet Search |
|
M2S010 Datasheet(PDF) 24 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
M2S010 Datasheet(HTML) 24 Page - Microsemi Corporation |
|
24 / 27 page ![]() 25 www.microsemi.com/products/fpga-soc/design-resources/programming-debug • Supports in-system programming • Supports IEEE 1149 JTAG programming through STAPL • Supports IEEE 1532 • Uses Microsemi FlashPro software, available as part of Libero SoC or Libero IDE. Also available standalone. • Free software updates • USB Connection to PC • Operating systems - Windows XP Professional (SP2 recommended) - Windows 2000 Professional (SP4 recommended) FlashPro4 In-System FPGA Programmer DirectC DirectC v2.3 is a set of C code designed to support embedded microprocessor–based in-system programming for IGLOO, ProASIC3 and Fusion families. To use DirectC v2.3, you must make some minor modifications to the provided source code, add the necessary API and compile the source code and the API together to create a binary executable. The target system must contain a microprocessor with a minimum 256 bytes of RAM, a JTAG interface to the target device from the microprocessor and access to the programming data to be used for programming the FPGA. Access to programming data could be provided by a telecommunications link for most remote systems. Download DirectC source files and the complete user’s guide at: www.microsemi.com/soc/products/hardware/program_debug/directc/default.aspx. STAPL Player The STAPL Player can be used to program third-generation flash devices such as IGLOO, ProASIC3 and Fusion, and interprets the contents of a STAPL file, which is generated by Libero IDE software tools. The file contains information about the programming of Microsemi flash-based devices, as well as the JTAG scan chain for a single device. The data format is a JEDEC standard known as the Standard Test and Programming Language (STAPL) format. For third-generation devices, note that the STAPL Player will not support serialization of the FlashROM, nor will it support Smart Erase enabled silicon. The STAPL Player reads the STAPL file and executes the file’s programming instructions. Because all programming details are in the STAPL file, the STAPL Player itself is completely device-independent. In other words, the system does not need to implement any programming algorithm details; the STAPL file provides all of the details. The key differences between the DirectC and the STAPL player methods are in the memory footprint in the microprocessor and amount of data to transmit. The DirectC option requires more code space on the processor, but as a result less data has to be transmitted to perform programming. On the other hand, the STAPL player communicates both the information to be programmed and the intelligence needed to perform programming. So, the code footprint is smaller but the amount of data to transmit will be larger. One advantage of the STAPL player method is that if updates are required to the programming algorithm, the STAPL method does not require new code in the processor, but the DirectC would require new code for the processor. Programming Devices In-System Using a Microprocessor Although the FlashPro3 programmer can perform in-system programming, it does require a specific header to be connected externally. For example, if your system already has external communication available through a microprocessor interface, you may prefer to have the processor perform the in-system programming. This can be done in two ways. Ordering Code Price SILICON-SCULPTOR 3 $ 4,330 • Programs all Microsemi packages, including PL, PQ, VQ, QN, BG, FG and CS • Universal Microsemi socket adapters • Use with Silicon Sculptor software • Security fuse can be programmed to secure the devices • Includes self-test to test its own hardware • Protection features - Overcurrent shutdown - Power failure shutdown - ESD protection - ESD wrist straps with banana jacks (included as standard) • Operating systems - Windows XP Professional (SP2 recommended) - Windows 2000 Professional (SP4 recommended) Silicon Sculptor 3 FPGA Programmer For adapter modules, refer to www.microsemi.com/soc/products/hardware/program_debug/ss/modules.aspx Ordering Code Price FLASHPRO4 $ 49 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |