Electronic Components Datasheet Search
  English  ▼

X  

M2S010 Datasheet(PDF) 15 Page - Microsemi Corporation

Part # M2S010
Description  FPGA and SoC Product Catalog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

M2S010 Datasheet(HTML) 15 Page - Microsemi Corporation

Back Button M2S010 Datasheet HTML 11Page - Microsemi Corporation M2S010 Datasheet HTML 12Page - Microsemi Corporation M2S010 Datasheet HTML 13Page - Microsemi Corporation M2S010 Datasheet HTML 14Page - Microsemi Corporation M2S010 Datasheet HTML 15Page - Microsemi Corporation M2S010 Datasheet HTML 16Page - Microsemi Corporation M2S010 Datasheet HTML 17Page - Microsemi Corporation M2S010 Datasheet HTML 18Page - Microsemi Corporation M2S010 Datasheet HTML 19Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
15
www.microsemi.com/fpga-soc
Military ProASICPLUS
Reprogrammable, nonvolatile military FPGAs
Military ProASICPLUS is the industry’s first nonvolatile, reprogrammable FPGA with testing covering the full military temperature range (–55ºC to 125ºC), with available
MIL-STD-883 Class B screening. The flash-based reprogrammable interconnect used in Microsemi’s ProASICPLUS FPGAs has been proven to be immune to
configuration changes caused by atmospheric neutrons.
Military ProASICPLUS Devices
Military ProASICPLUS Devices
APA300
APA600
APA1000
Maximum System Gates
300,000
600,000
1,000,000
Tiles (registers)
8,192
21,504
56,320
RAM Kbits (1,024 bits)
72
126
198
RAM Blocks (256x9)
32
56
88
LVPECL
2
2
2
PLL
2
2
2
Global Networks
4
4
4
Maximum Clocks
32
56
88
Maximum User I/Os
290
454
712
JTAG ISP
Yes
Yes
Yes
PCI
Yes
Yes
Yes
Package Pins
PQ
PB
PG
FG
CF
CQ
CG
456
144, 256
208, 352
456
256, 484, 676
208, 352
208, 352
624
208
456
896, 1152
208, 352
624



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com