Electronic Components Datasheet Search
  English  ▼

X  

M2S010 Datasheet(PDF) 19 Page - Microsemi Corporation

Part # M2S010
Description  FPGA and SoC Product Catalog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

M2S010 Datasheet(HTML) 19 Page - Microsemi Corporation

Back Button M2S010 Datasheet HTML 15Page - Microsemi Corporation M2S010 Datasheet HTML 16Page - Microsemi Corporation M2S010 Datasheet HTML 17Page - Microsemi Corporation M2S010 Datasheet HTML 18Page - Microsemi Corporation M2S010 Datasheet HTML 19Page - Microsemi Corporation M2S010 Datasheet HTML 20Page - Microsemi Corporation M2S010 Datasheet HTML 21Page - Microsemi Corporation M2S010 Datasheet HTML 22Page - Microsemi Corporation M2S010 Datasheet HTML 23Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
20 www.microsemi.com/fpga-soc/design-resources/design-software/libero-soc
Libero® System on Chip (SoC) and Libero Integrated Design Environment (IDE) Microsemi are
comprehensive software toolsets for designing with Microsemi FPGAs. Different versions of
Libero support different families (see Product Family support for details).
• Libero SoC supports Microsemi’s IGLOO2, SmartFusion2, SmartFusion, IGLOO, ProASIC3
and Fusion families managing the entire design flow from design entry, synthesis and
simulation, through place-and-route, timing and power analysis, with enhanced integration of
the embedded design flow. Libero SoC also includes a new System Builder design approach
for correct by construction SoC FPGA configuration.
• Libero IDE software supports designing with Microsemi Rad-Tolerant FPGAs, Antifuse FPGAs
and Legacy & Discontinued Flash FPGAs and managing the entire design flow from design
entry, synthesis and simulation, through place-and-route, timing and power analysis.
Libero SoC provides a new SoC design flow, specifically targeted to simplify the design of
our newest flash FPGAs. Standalone tools such as Silicon Sculptor, FlashPro and Synphony
Model Compiler AE are not changing and will continue to include support for all silicon devices.
Two types of Libero licenses are available. Libero Gold Free licenses covers the majority of
mainstream FPGAs, while Libero Platinum supports the high end and advanced feature devices.
Libero SoC
System Builder
Program Device
RTL and
Constraints
Firmware
and Project
Settings
Application
Development
FPGA
Implementation
Design Software for Microsemi SoC FPGAs and FPGAs
Licensing Requirements
Product Family
Device
License
Gold (FREE)
Platinum/Standalone
SmartFusion2/IGLOO2
M2S005, M2S010, M2S025, M2S050, M2GL005, M2GL010,
M2GL025, M2GL050
✓
✓
M2S090, M2S100, M2S150, M2GL090, M2GL100, M2GL150
All S (Security) devices require a Platinum License.
✓
SmartFusion, IGLOO, ProASIC3,
Fusion and ProASICPLUS
All Devices
✓
✓
Licensing Features
License Features
Libero Gold
Libero Platinum
Libero Standalone
FREE
Purchased
Purchased
License Term
1 Year
1 Year
1 Year
Libero Design Software, including SmartDesign,
IP Catalog and Place and Route
✓
✓
✓
SoftConsole*
✓
✓
✓
FlashPro Software*
✓
✓
✓
IP Cores Bundle
Gold IP
Platinum IP
Platinum IP
Synopsys Synplify Pro AE, ModelSim AE,
Synopsys Identify AE*
✓
✓
Not Included
* The following software is not supported on the Linux platforms: Viewdraw, FlashPro, SoftConsole, Firmware Catalog and Identify.
Embedded Design Support
Features
Microsemi
Keil
IAR Systems
SoftConsole
Keil MDK
Embedded Workbench®
Free Versions from Microsemi
Free with Libero SoC
32 K Code Limited
32 K Code Limited
Available from Vendor
N/A
Full Version
Full Version
Compiler
GNU GCC
RealView® C/C++
IAR ARM Compiler
Debugger
GDB Debug
µVision® Debugger
C-SPY® Debugger
Instruction Set Simulator
No
µVision Simulator
Yes
Debug Hardware
FlashPro4
ULINK2® or ULINK-ME™
J-Link™ or J-Link Lite
Go to www.microsemi.com/fpga-soc/design-resources/design-software/libero-soc for system requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com