Electronic Components Datasheet Search
  English  ▼

X  

M2S025 Datasheet(PDF) 11 Page - Microsemi Corporation

Part # M2S025
Description  FPGA and SoC Product Catalog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

M2S025 Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button M2S025 Datasheet HTML 7Page - Microsemi Corporation M2S025 Datasheet HTML 8Page - Microsemi Corporation M2S025 Datasheet HTML 9Page - Microsemi Corporation M2S025 Datasheet HTML 10Page - Microsemi Corporation M2S025 Datasheet HTML 11Page - Microsemi Corporation M2S025 Datasheet HTML 12Page - Microsemi Corporation M2S025 Datasheet HTML 13Page - Microsemi Corporation M2S025 Datasheet HTML 14Page - Microsemi Corporation M2S025 Datasheet HTML 15Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11
www.microsemi.com/products/fpga-soc/fpga/proasic3-nano
Note:
“G” indicates RoHS-compliant packages. Refer to “ProASIC3 nano Ordering Information” on page 3 of the datasheet for the location of the “G” in the part number. For nano devices, the VQ100 package is offered in both leaded and
RoHS-compliant versions. All other packages are RoHS-compliant only.
ProASIC3 nano
The lowest-cost solution with enhanced I/O capabilities
Microsemi’s innovative ProASIC3 nano devices bring a new level of value and flexibility to high-volume markets. When measured against the typical project
metrics of performance, cost, flexibility and time-to-market, ProASIC3 nano devices provide an attractive alternative to ASICs and ASSPs in fast moving or highly
competitive markets. Customer-driven total system cost reduction was a key design criteria for the ProASIC3 nano program. Reduced device cost, availability of
known good die, a single-chip implementation and a broad selection of small footprint packages all contribute to lower total system costs.
• 1.5 V core for low power
• 350 MHz system performance
• Configuration memory error immune
• Enhanced commercial temperature
• Enhanced I/O features
• ISP and security
I/Os Per Package
ProASIC3 nano Devices
ProASIC3 nano Devices
A3PN010
A3PN020
A3PN060
A3PN125
A3PN250
System Gates
10,000
20,000
60,000
125,000
250,000
Typical Equivalent Macrocells
86
172
512
1,024
2,048
VersaTiles (D-flip-flops)
260
520
1,536
3,072
6,144
RAM1 (1,024 bits)
—
—
18
36
36
4,608-Bit Blocks1
—
—
4
8
8
FlashROM Kbits (1,024 bits)
1
1
1
1
1
AES-Protected ISP1
—
—
Yes
Yes
Yes
Integrated PLL in CCCs1
—
—
1
1
1
VersaNet Globals
4
4
18
18
18
I/O Banks
2
3
2
2
4
Maximum User I/Os (packaged device)
34
49
71
71
68
Known Good Die User I/Os
34
52
71
71
68
Package Pin
QN
VQ
QN48
QN68
VQ100
VQ100
VQ100
ProASIC3 nano Devices
A3PN010
A3PN020
A3PN060
A3PN125
A3PN250
Known Good Die
34
52
71
71
68
QN48
34
—
—
—
—
QN68
—
49
—
—
—
VQ100
—
—
71
71
68
Notes:
1. A3PN030 and smaller devices do not support this feature.
2. For higher densities and support of additional features, refer to the ProASIC3 and ProASIC3E datasheets and FPGA fabric user’s guides.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com