Electronic Components Datasheet Search
  English  ▼

X  

M2S025 Datasheet(PDF) 20 Page - Microsemi Corporation

Part # M2S025
Description  FPGA and SoC Product Catalog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

M2S025 Datasheet(HTML) 20 Page - Microsemi Corporation

Back Button M2S025 Datasheet HTML 16Page - Microsemi Corporation M2S025 Datasheet HTML 17Page - Microsemi Corporation M2S025 Datasheet HTML 18Page - Microsemi Corporation M2S025 Datasheet HTML 19Page - Microsemi Corporation M2S025 Datasheet HTML 20Page - Microsemi Corporation M2S025 Datasheet HTML 21Page - Microsemi Corporation M2S025 Datasheet HTML 22Page - Microsemi Corporation M2S025 Datasheet HTML 23Page - Microsemi Corporation M2S025 Datasheet HTML 24Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
21
www.microsemi.com/products/fpga-soc/design-resources/dev-kits-boards
• Full-featured SmartFusion2
development platform
• Support for HS USB 2.0 OTG, CAN
RS232, RS484, IEEE 1588 time
stamping and Sync E capable
triple speed Ethernet PHYs
• Access to SERDES high speed
serial interfaces via PCI edge
connector or high speed SMP
connectors
• Bundled with FlashPro4
programmer, USB cables and
PCIE edge card ribbon cable
• Free Libero SoC software
license included
• Board features
- 50 K LE SmartFusion2 device
- 16x 5 Gbps SERDES, PCIe,
XAUI/XGXS+ Native SERDES
- 16-bit, 1 MSPS, 8-channel
Precision ADC
- 512 MB DDR3, 16 MB SDRAM,
8 MB SPI Flash memory
- JTAG Interface for programming
and debug
- Embedded Trace Macro connector
- I2C, SPI, GPIO headers
- FMC connector for
daughter card expansion
Ordering Codes
Supported Devices
Price
SF2-DEV-KIT
M2S050T-1FGG896
$ 1,800
12 V Power
Supply Section
DC Jack
USB Mini B
Connector
(FTDI)
USB Micro AB
Connector
RS485
Header
ADC
External
Flash PCIe Edge Connector
DDR3
Memory
Time
Stamping
SMP
Connectors
POE
SDRAM
SmartFusion2
RJ45 Connector
for Ethernet
POE
Connector
Marvell PHY
Reset Switch
Clock
Conditioning
SFP
Connector
Timing
Chip Reset
ETM
Header
FP4
Header
FMC
Header
RVI
Header
CAN1
Connector
CAN2
Connector
FTDI
Programmer
SPI Flash
MMUART1
Connector
Power-On
Switch
SmartFusion2 Development Kit
User
Button
Reset
Button
64 MB
LPDDR
16 MB
SPI Flash
JTAG I/F
JP2
Ethernet
PHY
SmartFusion2
M2S SOM
(System-On-Module)
Breadboard
Area
Ethernet I/F
USBPower &
USB UART I/F
LEDs
JP3
JP1
HS USB
OTG
Interface
SmartFusion2 Starter Kit
Ordering Code
Supported Device
Price
SF2-STARTER-KIT-ES-2
M2S050T-FGG896ES
$ 299
SF2-484-STARTER-KIT
M2S010-FGG484
$299
• Cost-efficient development
platform for SmartFusion2
SoC FPGA
• Supports industry-standard
interfaces including Ethernet,
USB, SPI, I2C and UART
• Preloaded with uClinux image to
support Linux-based development
environments
• Comes with FlashPro4
programmer, USB cables and
USB WiFi module
• Free Libero SoC software
license included
• Board features
- 50K LE or 10K LE
SmartFusion2 device
- JTAG interface for programming
and debug
- 10/100 Ethernet
- USB 2.0 On-The-Go
- 64 MB LPDDR, 16 MB SPI
Flash memory
- 4 LEDs and 2 push-button
switches
- On-module clocks
- Watchdog timer (WDT)
Current
Measurement
LP
Crystals
On Board
125 Mhz
12 V Power
Supply Input
On/Off
Switch
10/100/1000
Ethernet
RJ45
Connector
SERDES
Reference
Clock
MicroUSB
OTG
LPDDR
50 Mhz
Oscillator
GPIO
Header
LEDs
JTAG Programming
Header
Reset
Switch
SW3
SW4
SW2
SW5
IGLOO2
x1 PCIe Edge
Connector
SW1
RVI/IAR
Debug
Header
I2C
Header
ETM Trace
Debug
Header
SPI
Flash
USB-UART
Terminal
Tx/Rx
SERDES
SMA
Pairs
IGLOO2 Evaluation Kit
• Gives designers access to IGLOO2
FPGAs which offer leadership in
I/O density, security, reliability
and low power into mainstream
applications
• Up to 150 K LE, 240 integrated
DSP blocks, 16 channels of
5 Gbps SERDES and 4 Gen2
PCIe endpoints,
• Supports industry-standard
interfaces including Gigabit
Ethernet, USB 2.0 OTG, SPI,
I2C and UART
• Free license for Microsemi’s
Libero SoC software and comes
preloaded with a PCIe control
plane demo
• Can be powered through a
12 V power supply or the PCIe
connector and includes a
FlashPro4 programmer
• Board features
- IGLOO2 FPGA in the FG484
package (M2GL010T-FG484)
- JTAG/SPI programming interface
- Gigabit Ethernet PHY and RJ45
connector
- USB 2.0 OTG interface connector
- 1GB LPDDR, 64MB SPI Flash
- Headers for I2C, UART, SPI, GPIOs
- x1 Gen2 PCIe edge connector
- Tx/Rx/Clk SMP pairs
Ordering Code
Supported Device
Price
M2GL-EVAL-KIT
M2GL010T-1FGG484
$ 399



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com