Electronic Components Datasheet Search
  English  ▼

X  

M2S025 Datasheet(PDF) 18 Page - Microsemi Corporation

Part # M2S025
Description  FPGA and SoC Product Catalog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

M2S025 Datasheet(HTML) 18 Page - Microsemi Corporation

Back Button M2S025 Datasheet HTML 14Page - Microsemi Corporation M2S025 Datasheet HTML 15Page - Microsemi Corporation M2S025 Datasheet HTML 16Page - Microsemi Corporation M2S025 Datasheet HTML 17Page - Microsemi Corporation M2S025 Datasheet HTML 18Page - Microsemi Corporation M2S025 Datasheet HTML 19Page - Microsemi Corporation M2S025 Datasheet HTML 20Page - Microsemi Corporation M2S025 Datasheet HTML 21Page - Microsemi Corporation M2S025 Datasheet HTML 22Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
19
www.microsemi.com/fpga-soc
Refer to the Package Mechanical Drawings document located at www.microsemi.com/document-portal/doc_download/131095-package-mechanical-drawings
for more information concerning package dimensions.
TQ144
f
ProASIC3
b
s 20x20 mm
p
s 22x22 mm
h
1.40 mm
p
0.50 mm
VQ100
f
IGLOO1
IGLOO nano
ProASIC31
ProASIC3 nano
ProASIC3L
Military
ProASIC3/EL1
b
s 14x14 mm
p
s 16x16 mm
h
1.00 mm
p
0.50 mm
PQ208
f
SmartFusion
Fusion1
ProASIC31
ProASIC3E1
ProASIC3L1
Military
ProASIC3/EL1
bs 28x28 mm
ps 30.6x30.6 mm
h
3.40 mm
p
0.50 mm
VQ128
f
IGLOO PLUS
bs 14x14 mm
ps 16x16 mm
h
1.00 mm
p
0.40 mm
VQ176
f
IGLOO PLUS
bs 20x20 mm
ps 22x22 mm
h
1.00 mm
p
0.40 mm
CQ352
f
Military
ProASICPLUS
p
s 48x48 mm
h
2.67 mm
p
0.50 mm
CQ208
f
Military
ProASICPLUS
p
s 29.21x29.21 mm
h
2.67 mm
p
0.50 mm
CG624
f
Military
ProASICPLUS
p
s 32.5x32.5 mm
h
4.94 mm
p
1.27 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com