Electronic Components Datasheet Search
  English  ▼

X  

CLH Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # CLH
Description  SMD Ceramic Multilayer Chip Inductors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CLH Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button CLH Datasheet HTML 8Page - List of Unclassifed Manufacturers CLH Datasheet HTML 9Page - List of Unclassifed Manufacturers CLH Datasheet HTML 10Page - List of Unclassifed Manufacturers CLH Datasheet HTML 11Page - List of Unclassifed Manufacturers CLH Datasheet HTML 12Page - List of Unclassifed Manufacturers CLH Datasheet HTML 13Page - List of Unclassifed Manufacturers CLH Datasheet HTML 14Page - List of Unclassifed Manufacturers CLH Datasheet HTML 15Page - List of Unclassifed Manufacturers CLH Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
SMD Multilayer Ceramic Chip Inductors – CLH Series
Electrical Characteristics
Part Number
Inductance
(nH)
at 100MHz
Tolerance
(±%)
Q Min
at 100MHz
SRF
(MHz) Typ.
DC Resistance
(Ω) Max
Rated Current
(mA) Max
CLH1005T-1N0
-S-NP
1.0
±0.3nH
8
10000
0.07
400
CLH1005T-1N2
-S-NP
1.2
±0.3nH
8
10000
0.09
400
CLH1005T-1N5
-S-NP
1.5
±0.3nH
8
9000
0.10
400
CLH1005T-1N8
-S-NP
1.8
±0.3nH
8
8700
0.10
400
CLH1005T-2N0
-S-NP
2.0
±0.3nH
8
8100
0.10
400
CLH1005T-2N2
-S-NP
2.2
±0.3nH
8
8100
0.12
400
CLH1005T-2N4
-S-NP
2.4
±0.3nH
8
7700
0.15
400
CLH1005T-2N7
-S-NP
2.7
±0.3nH
8
7700
0.15
400
CLH1005T-3N0
-S-NP
3.0
±0.3nH
8
6300
0.15
400
CLH1005T-3N3
-S-NP
3.3
±0.3nH
8
6300
0.15
400
CLH1005T-3N6
-S-NP
3.6
±0.3nH
8
6100
0.15
400
CLH1005T-3N9
-S-NP
3.9
±0.3nH
8
6100
0.18
400
CLH1005T-4N3
-S-NP
4.3
±0.3nH
8
6000
0.18
400
CLH1005T-4N7
-S-NP
4.7
±0.3nH
8
6000
0.18
400
CLH1005T-5N1
-S-NP
5.1
±0.3nH
8
5300
0.20
400
CLH1005T-5N6
-S-NP
5.6
±0.3nH
8
5100
0.20
400
CLH1005T-6N2
-S-NP
6.2
±0.3nH/5/10
8
4500
0.22
400
CLH1005T-6N8
-S-NP
6.8
5 / 10
8
4550
0.24
400
CLH1005T-7N5
-S-NP
7.5
5 / 10
8
4200
0.24
300
CLH1005T-8N2
-S-NP
8.2
5 / 10
8
4100
0.24
300
CLH1005T-9N1
-S-NP
9.1
5 / 10
8
3900
0.26
300
CLH1005T-10N
-S-NP
10
5 / 10
8
3900
0.26
300
CLH1005T-12N
-S-NP
12
5 / 10
8
3000
0.28
300
CLH1005T-15N
-S-NP
15
5 / 10
8
2500
0.32
300
CLH1005T-18N
-S-NP
18
5 / 10
8
2200
0.36
300
CLH1005T-22N
-S-NP
22
5 / 10
8
1900
0.42
300
CLH1005T-27N
-S-NP
27
5 / 10
8
1700
0.46
300
CLH1005T-33N
-S-NP
33
5 / 10
8
1600
0.58
200
CLH1005T-39N
-S-NP
39
5 / 10
8
1200
0.65
200
CLH1005T-47N
-S-NP
47
5 / 10
8
1000
0.72
200
CLH1005T-56N
-S-NP
56
5 / 10
8
800
0.82
200
CLH1005T-68N
-S-NP
68
5 / 10
8
800
0.92
180
CLH1005T-82N
-S-NP
82
5 / 10
8
700
1.20
150
 Tolerance:S = ± 0.3nH , J = ± 5% , K = ± 10%
 Test Instruments:
L/Q:Agilent E4991A + Fixture:Agilent 16197A
SRF:HP8753D
RDC:HP4338B/ CH502BC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com