Electronic Components Datasheet Search
  English  ▼

X  

CLH Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # CLH
Description  SMD Ceramic Multilayer Chip Inductors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CLH Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button CLH Datasheet HTML 16Page - List of Unclassifed Manufacturers CLH Datasheet HTML 17Page - List of Unclassifed Manufacturers CLH Datasheet HTML 18Page - List of Unclassifed Manufacturers CLH Datasheet HTML 19Page - List of Unclassifed Manufacturers CLH Datasheet HTML 20Page - List of Unclassifed Manufacturers CLH Datasheet HTML 21Page - List of Unclassifed Manufacturers CLH Datasheet HTML 22Page - List of Unclassifed Manufacturers CLH Datasheet HTML 23Page - List of Unclassifed Manufacturers CLH Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
SMD Multilayer Ceramic Chip Inductors – CLH Series
Test Instruments:
Agilent E4991A Material/Impedance Analyzer
CLH1608T-1N8S-H
0
1
2
3
4
5
6
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.10Ω SRF:6000MHZ IDC:500mA
0
10
20
30
40
50
60
CLH1608T-2N2S-H
0
1
2
3
4
5
6
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.10Ω SRF:6000MHZ IDC:500mA
0
5
10
15
20
25
30
35
40
45
50
55
60
CLH1608T-2N7S-H
0
1
2
3
4
5
6
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.10Ω SRF:6000MHZ IDC:500mA
0
5
10
15
20
25
30
35
40
45
50
55
60
CLH1608T-3N3S-H
0
1
2
3
4
5
6
7
8
9
1
10
100
1000
10000
FREQUENCY (MHz)
RDC<0.12Ω SRF:5900MHZ IDC:500mA
0
10
20
30
40
50
60
70
80
90
CLH1608T-3N9S-H
0
1
2
3
4
5
6
7
8
9
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.14Ω SRF:5600MHZ IDC:500mA
0
10
20
30
40
50
60
70
80
90
CLH1608T-4N7S-H
0
1
2
3
4
5
6
7
8
9
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.16Ω SRF:4800MHZ IDC:500mA
0
10
20
30
40
50
60
70
80
90
CLH1608T-5N6S-H
0
1
2
3
4
5
6
7
8
9
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.18Ω SRF:4350MHZ IDC:500mA
0
10
20
30
40
50
60
70
80
90
CLH1608T-6N8J-H
0
2
4
6
8
10
12
14
16
18
20
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.22Ω SRF:3750MHZ IDC:500mA
0
10
20
30
40
50
60
70
80
90
100
CLH1608T-8N2J-H
0
2
4
6
8
10
12
14
16
18
20
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.24Ω SRF:3300MHZ IDC:500mA
0
10
20
30
40
50
60
70
80
90
100
CLH1608T-10NJ-H
0
2
4
6
8
10
12
14
16
18
20
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.26Ω SRF:2850MHZ IDC:400mA
0
10
20
30
40
50
60
70
80
90
100
CLH1608T-12NJ-H
0
2
4
6
8
10
12
14
16
18
20
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.28Ω SRF:2500MHZ IDC:400mA
0
10
20
30
40
50
60
70
80
90
100
CLH1608T-15NJ-H
0
10
20
30
40
50
60
1
10
100
1000
10000
0
10
20
30
40
50
60
70
80
90
100
CLH1608T-18NJ-H
0
10
20
30
40
50
60
1
10
100
1000
10000
FREQENCY.(MHz)
RDC<0.35Ω SRF:2100MHZ IDC:400mA
0
5
10
15
20
25
30
35
40
45
50
CLH1608T-22NJ-H
0
10
20
30
40
50
60
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.40Ω SRF:1850MHZ IDC:400mA
0
5
10
15
20
25
30
35
40
45
50
55
60
CLH1608T-27NJ-H
0
10
20
30
40
50
60
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.45Ω SRF:1680MHZ IDC:400mA
0
5
10
15
20
25
30
35
40
45
50
55
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com