Electronic Components Datasheet Search
  English  ▼

X  

CLH Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CLH
Description  SMD Ceramic Multilayer Chip Inductors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CLH Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CLH Datasheet HTML 1Page - List of Unclassifed Manufacturers CLH Datasheet HTML 2Page - List of Unclassifed Manufacturers CLH Datasheet HTML 3Page - List of Unclassifed Manufacturers CLH Datasheet HTML 4Page - List of Unclassifed Manufacturers CLH Datasheet HTML 5Page - List of Unclassifed Manufacturers CLH Datasheet HTML 6Page - List of Unclassifed Manufacturers CLH Datasheet HTML 7Page - List of Unclassifed Manufacturers CLH Datasheet HTML 8Page - List of Unclassifed Manufacturers CLH Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
SMD Ceramic Multilayer Chip Inductors – CLH Series
Test Instruments:Agilent E4991A Material/Impedance Analyzer
CLH0603T-5N6S-F
0
1
2
3
4
5
6
7
8
9
10
1
10
100
1000
10000
FREQUENCY (MHz)
RDC<0.36Ω SRF>4600MHz Rated current:260 mA
0
20
40
60
80
100
CLH0603T-6N2S-F
0
1
2
3
4
5
6
7
8
9
10
1
10
100
1000
10000
FREQUENCY (MHz)
RDC<0.38Ω SRF>4200MHz Rated current:250 mA
0
10
20
30
40
50
60
70
80
CLH0603T-6N8J-F
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY (MHz)
RDC<0.39Ω SRF>3900MHz Rated current:250 mA
0
10
20
30
40
50
60
70
80
CLH0603T-7N5J-F
0
2
4
6
8
10
12
14
16
18
20
1
10
100
1000
10000
FREQUENCY (MHz)
RDC<0.41Ω SRF>3600MHz Rated current:240 mA
0
5
10
15
20
25
30
35
40
CLH0603T-8N2J-F
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY (MHz)
RDC<0.45Ω SRF>3400MHz Rated current:230 mA
0
10
20
30
40
50
60
70
80
CLH0603T-9N1J-F
0
5
10
15
20
25
30
1
10
100
1000
10000
FREQUENCY (MHz)
RDC<0.48Ω SRF>3200MHz Rated current:220 mA
0
5
10
15
20
25
30
35
40
CLH0603T-10NJ-F
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY (MHz)
RDC<0.51Ω SRF>2900MHz Rated current:220 mA
0
10
20
30
40
50
60
70
80
CLH0603T-12NJ-F
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY (MHz)
RDC<0.68Ω SRF>2700MHz Rated current:190 mA
0
10
20
30
40
50
60
70
80
CLH0603T-15NJ-F
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY (MHz)
RDC<0.71Ω SRF>2300MHz Rated current:180 mA
0
5
10
15
20
25
30
35
CLH0603T-18NJ-F
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY (MHz)
RDC<0.81Ω SRF>2100MHz Rated current:170 mA
0
10
20
30
40
50
60
70
80
CLH0603T-22NJ-F
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
FREQUENCY (MHz)
RDC<1.0Ω SRF>1800MHz Rated current:150 mA
0
10
20
30
40
50
60
70
80
CLH0603T-27NJ-F
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
FREQUENCY (MHz)
RDC<1.35Ω SRF>1800MHz Rated current:120 mA
0
10
20
30
40
50
60
70
80
CLH0603T-33NJ-F
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
FREQUENCY (MHz)
RDC<1.47Ω SRF>1700MHz Rated current:110 mA
0
10
20
30
40
50
60
70
80
CLH0603T-39NJ-F
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
FREQUENCY (MHz)
RDC<1.72Ω SRF>1500MHz Rated current:100 mA
0
10
20
30
40
50
60
70
80
CLH0603T-47NJ-F
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
FREQUENCY (MHz)
RDC<1.9Ω SRF>1300MHz Rated current:100 mA
0
10
20
30
40
50
60
70
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com