Electronic Components Datasheet Search
  English  ▼

X  

LVS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # LVS
Description  Sealed Power Inductors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LVS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  LVS Datasheet HTML 1Page - List of Unclassifed Manufacturers LVS Datasheet HTML 2Page - List of Unclassifed Manufacturers LVS Datasheet HTML 3Page - List of Unclassifed Manufacturers LVS Datasheet HTML 4Page - List of Unclassifed Manufacturers LVS Datasheet HTML 5Page - List of Unclassifed Manufacturers LVS Datasheet HTML 6Page - List of Unclassifed Manufacturers LVS Datasheet HTML 7Page - List of Unclassifed Manufacturers LVS Datasheet HTML 8Page - List of Unclassifed Manufacturers LVS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Sealed Power Inductors – LVS Series
Electrical Characteristics
Part Number
Inductance
(uH)
Test
Frequency
(KHz)
Tolerance
(±%)
RDC
(mΩ) ±30%
Isat (A)
Typ. (Max)
Irms (A)
Typ. (Max)
Marking
LVS404026-1R2□-N
1.2
100
20, 30
30
3.50(3.15)
3.30(2.97)
1R2
LVS404026-3R3□-N
3.3
100
20, 30
45
2.50(2.25)
2.50(2.25)
3R3
LVS404026-4R7□-N
4.7
100
20, 30
60
1.80(1.62)
1.80(1.62)
4R7
LVS404026-220□-N
22
100
20, 30
230
0.86(0.77)
1.00(0.90)
220
 When ordering, please specify tolerance and packaging codes
 Tolerance : M = ±20% , T = ±30%
 L : Agilent/HP 4284A + Agilent/HP 16334A, 100KHz with 1V
 Isat & Irms : Agilent/HP 4284A , 100KHz with 1V
 Rdc : Digital Milliohm Meter Chroma 16502, or equivalent
 Isat for Inductance drop 30% from its value without current
 Irms for a 40°C rise above 25°C ambient
 Operating temperature range from -55°C to 125°C. (Including self - temperature rise)
Test Instruments:HP4284A Material/Impedance Analyzer
Inductance vs. DC Current
0
5
10
15
20
25
0
1
23
45
DC Current(A)
4R7
1R2
3R3
220
Tem perature Change vs. DC Current
0
10
20
30
40
50
60
70
01
23
45
DC Current(A)
220
4R7
3R3
1R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com