Electronic Components Datasheet Search
  English  ▼

X  

LVS Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # LVS
Description  Sealed Power Inductors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LVS Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button LVS Datasheet HTML 5Page - List of Unclassifed Manufacturers LVS Datasheet HTML 6Page - List of Unclassifed Manufacturers LVS Datasheet HTML 7Page - List of Unclassifed Manufacturers LVS Datasheet HTML 8Page - List of Unclassifed Manufacturers LVS Datasheet HTML 9Page - List of Unclassifed Manufacturers LVS Datasheet HTML 10Page - List of Unclassifed Manufacturers LVS Datasheet HTML 11Page - List of Unclassifed Manufacturers LVS Datasheet HTML 12Page - List of Unclassifed Manufacturers LVS Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Sealed Power Inductors - LVS Series
Electrical Characteristics
Part Number
Inductance
(uH)
Test
Frequency
(KHz)
Tolerance
(±%)
RDC
(mΩ) ±30%
Isat (A)
Typ. (Max)
Irms (A)
Typ. (Max)
Marking
LVS606028-1R0□-N
1.0
100
30
13
7.6(6.84)
5.2(4.68)
1R0
LVS606028-1R5□-N
1.5
100
30
16
6.3(5.67)
4.8(4.32)
1R5
LVS606028-2R2□-N
2.2
100
20, 30
20
5.4(4.86)
4.0(3.60)
2R2
LVS606028-2R7□-N
2.7
100
20, 30
26
4.9(4.41)
3.7(3.33)
2R7
LVS606028-3R3□-N
3.3
100
20, 30
28
4.3(3.87)
3.5(3.15)
3R3
LVS606028-4R7□-N
4.7
100
20, 30
38
3.7(3.33)
3.2(2.88)
4R7
LVS606028-6R0□-N
6.0
100
20, 30
45
3.3(2.97)
2.8(2.52)
6R0
LVS606028-6R8□-N
6.8
100
20, 30
50
3.1(2.79)
2.7(2.43)
6R8
LVS606028-100□-N
10
100
20, 30
65
2.5(2.25)
2.3(2.07)
100
LVS606028-150□-N
15
100
20, 30
95
2.0(1.80)
1.8(1.62)
150
LVS606028-220□-N
22
100
20, 30
135
1.6(1.44)
1.5(1.35)
220
LVS606028-330□-N
33
100
20, 30
220
1.3(1.17)
1.4(1.26)
330
LVS606028-470□-N
47
100
20, 30
320
1.1(0.99)
1.0(0.90)
470
LVS606028-680□-N
68
100
20, 30
420
0.98(0.88)
0.9(0.81)
680
LVS606028-101□-N
100
100
20, 30
600
0.82(0.73)
0.8(0.72)
101
 When ordering, please specify tolerance and packaging codes
 Tolerance : M = ±20% , T = ±30%
 L : Agilent/HP 4284A + Agilent/HP 16334A, 100KHz with 1V
 Isat & Irms : Agilent/HP 4284A, 100KHz with 1V
 Rdc : Digital Milliohm Meter Chroma 16502, or equivalent
 Isat for Inductance drop 30% from its value without current
 Irms for a 40°C rise above 25°C ambient
 Operating temperature range from -55°C to 125°C. (Including self - temperature rise)
Test Instruments:HP4284A Material/Impedance Analyzer
Inductance vs. DC Current
0
5
10
15
20
25
02
4
6
8
10
DC Current(A)
1R0
100
220
6R0
4R7
3R3 2R0
1R5
150
Tem perature Change vs. DC Current
0
10
20
30
40
50
60
70
01
23
45
67
DC Current(A)
100
220
4R7
2R2
3R3
6R0
1R0
150
1R5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com