Electronic Components Datasheet Search
  English  ▼

X  

LVS Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # LVS
Description  Sealed Power Inductors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LVS Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button LVS Datasheet HTML 6Page - List of Unclassifed Manufacturers LVS Datasheet HTML 7Page - List of Unclassifed Manufacturers LVS Datasheet HTML 8Page - List of Unclassifed Manufacturers LVS Datasheet HTML 9Page - List of Unclassifed Manufacturers LVS Datasheet HTML 10Page - List of Unclassifed Manufacturers LVS Datasheet HTML 11Page - List of Unclassifed Manufacturers LVS Datasheet HTML 12Page - List of Unclassifed Manufacturers LVS Datasheet HTML 13Page - List of Unclassifed Manufacturers LVS Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Sealed Power Inductors - LVS Series
Electrical Characteristics
Part Number
Inductance
(uH)
Test
Frequency
(KHz)
Tolerance
(±%)
RDC
(mΩ) ±30%
Isat (A)
Typ. (Max)
Irms (A)
Typ. (Max)
Marking
LVS606045-1R0□-N
1.0
100
20, 30
12
12.2(10.98)
6.5(5.85)
1R0
LVS606045-1R5□-N
1.5
100
30
15
10.4(9.36)
5.9(5.31)
1R5
LVS606045-1R8□-N
1.8
100
20, 30
17
9.6(8.64)
5.6(5.04)
1R8
LVS606045-2R2□-N
2.2
100
20, 30
18.4
8.8(7.92)
5.1(4.59)
2R2
LVS606045-2R3□-N
2.3
100
20, 30
19
8.8(7.92)
5.0(4.50)
2R3
LVS606045-3R0□-N
3.0
100
20, 30
22
7.8(7.02)
4.4(3.96)
3R0
LVS606045-3R3□-N
3.3
100
20, 30
24
7.5(6.75)
4.3(3.87)
3R3
LVS606045-3R6□-N
3.6
100
20, 30
24
7.5(6.75)
4.3(3.87)
3R6
LVS606045-3R9□-N
3.9
100
20, 30
26
7.0(6.30)
4.0(3.60)
3R9
LVS606045-4R5□-N
4.5
100
20, 30
31
6.7(6.03)
3.9(3.51)
4R5
LVS606045-4R7□-N
4.7
100
20, 30
31
6.7(6.03)
3.9(3.51)
4R7
LVS606045-5R1□-N
5.1
100
20, 30
33
6.0(5.40)
3.5(3.15)
5R1
LVS606045-6R3□-N
6.3
100
20, 30
40
5.5(4.95)
3.3(2.97)
6R3
LVS606045-6R8□-N
6.8
100
20, 30
43
5.3(4.77)
3.2(2.88)
6R8
LVS606045-100□-N
10
100
20, 30
57
4.5(4.05)
2.7(2.43)
100
LVS606045-150□-N
15
100
20, 30
80
3.4(3.06)
2.2(1.98)
150
LVS606045-180□-N
18
100
20, 30
100
3.1(2.79)
1.8(1.62)
180
LVS606045-220□-N
22
100
20, 30
125
3.0(2.70)
1.9(1.71)
220
LVS606045-270□-N
27
100
20, 30
160
2.5(2.25)
1.3(1.17)
270
LVS606045-330□-N
33
100
20, 30
165
2.3(2.07)
1.4(1.26)
330
LVS606045-470□-N
47
100
20, 30
245
1.9(1.71)
1.2(1.08)
470
LVS606045-680□-N
68
100
20, 30
330
1.6(1.44)
1.0(0.90)
680
LVS606045-101□-N
100
100
20, 30
500
1.3(1.17)
0.8(0.72)
101
LVS606045-221□-N
220
100
20, 30
1300
0.8(0.73)
0.38(0.34)
221
LVS606045-331□-N
330
100
20, 30
1800
0.7(0.63)
0.35(0.31)
331
LVS606045-102□-N
1000
100
20, 30
6000
0.4(0.36)
0.22(0.19)
102
 When ordering, please specify tolerance and packaging codes
 Tolerance : M = ±20% , T = ±30%
 L : Agilent/HP 4284A + Agilent/HP 16334A, 100KHz with 1V
 Isat & Irms : Agilent/HP 4284A, 100KHz with 1V
 Rdc : Digital Milliohm Meter Chroma 16502, or equivalent
 Isat for Inductance drop 30% from its value without current
 Irms for a 40°C rise above 25°C ambient
 Operating temperature range from -55°C to 125°C. (Including self - temperature rise)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com