Electronic Components Datasheet Search
  English  ▼

X  

AT25DF321A Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # AT25DF321A
Description  32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF321A Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button AT25DF321A Datasheet HTML 15Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 16Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 17Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 18Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 19Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 20Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 21Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 22Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
19
3686F–DFLASH–1/2014
AT25DF321A
Figure 9-2. Write Disable
9.3
Protect Sector
Every physical 64-Kbyte sector of the device has a corresponding single-bit Sector Protection Register that is used to control
the software protection of a sector. Upon device power-up, each Sector Protection Register will default to the logical “1” state
indicating that all sectors are protected and cannot be programmed or erased.
Issuing the Protect Sector command to a particular sector address will set the corresponding Sector Protection Register to the
logical “1” state. The following table outlines the two states of the Sector Protection Registers.
Before the Protect Sector command can be issued, the Write Enable command must have been previously issued to set the
WEL bit in the Status Register to a logical “1”. To issue the Protect Sector command, the CS pin must first be asserted and the
opcode of 36h must be clocked into the device followed by three address bytes designating any address within the sector to be
protected. Any additional data clocked into the device will be ignored. When the CS pin is deasserted, the Sector Protection
Register corresponding to the physical sector addressed by A23-A0 will be set to the logical “1” state, and the sector itself will
then be protected from program and erase operations. In addition, the WEL bit in the Status Register will be reset back to the
logical “0” state.
The complete three address bytes must be clocked into the device before the CS pin is deasserted, and the CS pin must be
deasserted on an even byte boundary (multiples of eight bits); otherwise, the device will abort the operation. When the device
aborts the Protect Sector operation, the state of the Sector Protection Register will be unchanged, and the WEL bit in the Status
Register will be reset to a logical “0”.
As a safeguard against accidental or erroneous protecting or unprotecting of sectors, the Sector Protection Registers can
themselves be locked from updates by using the SPRL (Sector Protection Registers Locked) bit of the Status Register (please
refer to the Status Register description for more details). If the Sector Protection Registers are locked, then any attempts to
issue the Protect Sector command will be ignored, and the device will reset the WEL bit in the Status Register back to a logical
“0” and return to the idle state once the CS pin has been deasserted.
SCK
CS
SI
SO
MSB
23
1
0
00000100
67
5
4
OPCODE
HIGH-IMPEDANCE
Table 9-1. Sector Protection Register Values
Value
Sector Protection Status
0
Sector is unprotected and can be programmed and erased
1
Sector is protected and cannot be programmed or erased. This is the default state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com