Electronic Components Datasheet Search
  English  ▼

X  

AT25DF321A Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # AT25DF321A
Description  32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF321A Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button AT25DF321A Datasheet HTML 21Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 22Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 23Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 24Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 25Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 26Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 27Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 28Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
25
3686F–DFLASH–1/2014
AT25DF321A
10.
Security Commands
10.1
Sector Lockdown
Certain applications require that portions of the Flash memory array be permanently protected against malicious attempts at
altering program code, data modules, security information, or encryption/decryption algorithms, keys, and routines. To
address these applications, the device incorporates a sector lockdown mechanism that allows any combination of individual
64-Kbyte sectors to be permanently locked so that they become read only. Once a sector is locked down, it can never be erased
or programmed again, and it can never be unlocked from the locked down state.
Each 64-Kbyte physical sector has a corresponding single-bit Sector Lockdown Register that is used to control the lockdown
status of that sector. These registers are nonvolatile and will retain their state even after a device power-cycle or reset
operation. The following table outlines the two states of the Sector Lockdown Registers.
Issuing the Sector Lockdown command to a particular sector address will set the corresponding Sector Lockdown Register to
the logical “1” state. Each Sector Lockdown Register can only be set once; therefore, once set to the logical “1” state, a Sector
Lockdown Register cannot be reset back to the logical “0” state.
Before the Sector Lockdown command can be issued, the Write Enable command must have been previously issued to set the
WEL bit in the Status Register to a logical “1”. In addition, the Sector Lockdown Enabled (SLE) bit in the Status Register
must have also been previously set to the logical “1” state by using the Write Status Register Byte 2 command (see “Write
Status Register Byte 2” on page 35
). To issue the Sector Lockdown command, the CS pin must first be asserted and the opcode of
33h must be clocked into the device followed by three address bytes designating any address within the 64-Kbyte sector to be
locked down. After the three address bytes have been clocked in, a confirmation byte of D0h must also be clocked in
immediately following the three address bytes. Any additional data clocked into the device after the first byte of data will be
ignored. When the CS pin is deasserted, the Sector Lockdown Register corresponding to the sector addressed by A23-A0 will
be set to the logical “1” state, and the sector itself will then be permanently locked down from program and erase operations
within a time of tLOCK. In addition, the WEL bit in the Status Register will be reset back to the logical “0” state.
The complete three address bytes and the correct confirmation byte value of D0h must be clocked into the device before the
CS pin is deasserted, and the CS pin must be deasserted on an even byte boundary (multiples of eight bits); otherwise, the
device will abort the operation. When the device aborts the Sector Lockdown operation, the state of the corresponding Sector
Lockdown Register as well as the SLE bit in the Status Register will be unchanged; however, the WEL bit in the Status
Register will be reset to a logical “0”.
As a safeguard against accidental or erroneous locking down of sectors, the Sector Lockdown command can be enabled and
disabled as needed by using the SLE bit in the Status Register. In addition, the current sector lockdown state can be frozen so
that no further modifications to the Sector Lockdown Registers can be made (see “Freeze Sector Lockdown State” below). If the
Sector Lockdown command is disabled or if the sector lockdown state is frozen, then any attempts to issue the Sector
Lockdown command will be ignored, and the device will reset the WEL bit in the Status Register back to a logical “0” and
return to the idle state once the CS pin has been deasserted.
Table 10-1.
Sector Lockdown Register Values
Value
Sector Lockdown Status
0
Sector is not locked down and can be programmed and erased. This is the default state.
1
Sector is permanently locked down and can never be programmed or erased again



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com