Electronic Components Datasheet Search
  English  ▼

X  

AT25DF321A Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # AT25DF321A
Description  32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF321A Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button AT25DF321A Datasheet HTML 45Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 46Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 47Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 48Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 49Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 50Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 51Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 52Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 53Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 51 / 53 page
background image
51
3686F–DFLASH–1/2014
AT25DF321A
18.
Revision History
Doc. Rev.
Date
Comments
3686A
04/2008
Initial release
3686B
06/2008
Replaced the technical illustration (16S2) with the correct one (16S)
3686C
12/2008
Removed 16-lead SOIC package option
Changed Standby Current value
– Increased maximum value from 35 µA to 50 µA
Changed Deep Power-Down Current values
– Increased typical value from 1 µA to 5 µA
– Increased maximum value from 5 µA to 10 µA
Corrected clock frequency values in Table 6-1
3686D
12/2009
Changed active current for Read Operation
– Increased typical ICC1 value for 100MHz from 12mA to 17mA and max value from 19mA to 20mA
– Increased typical ICC1 value for 85MHz from 10mA to 16mA and max value from 17mA to 19mA
– increased typical ICC1 value for 66MHz from 8mA to 15mA and max value from 14mA to 18mA
– Increased typical ICC1 value for 50MHz from 7mA to 14mA and max value from 12mA to 17mA
– Increased typical ICC1 value for 33MHz from 6mA to 13mA and max value from 10mA to 16mA.
– Increased typical ICC1 value for 20MHz from 5mA to 12mA and max value from 8mA to 15mA.
Changed active current for Program Operation
– Increased typical ICC2 value from 10mA to 13mA and max value from 15mA to 16mA
Changed Chip Erase time
– Decreased typical value from 32 sec to 25 sec and max value from 56 sec to 40 sec
– Remove Preliminary
3686E
11/2012
Update to Adesto.
3686F
1/2014
Added UBGA package option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com