Electronic Components Datasheet Search
  English  ▼

X  

BCY77 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BCY77
Description  PNP SILICON PLANAR TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BCY77 Datasheet(HTML) 2 Page - Continental Device India Limited

  BCY77 Datasheet HTML 1Page - Continental Device India Limited BCY77 Datasheet HTML 2Page - Continental Device India Limited BCY77 Datasheet HTML 3Page - Continental Device India Limited BCY77 Datasheet HTML 4Page - Continental Device India Limited BCY77 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PNP SILICON PLANAR TRANSISTORS
BCY77, BCY78
BCY79
TO-18
Metal Can Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter Saturation Voltage
VCE (sat)
IC=10mA, IB=0.25mA
0.25
V
**IC=50mA, IB=1.25mA
0.80
V
*IC=100mA, IB=2.5mA
0.80
V
Base Emitter Saturation Voltage
VBE (sat)
IC=10mA, IB=0.25mA
0.60
0.85
V
**IC=50mA, IB=1.25mA
0.70
1.20
V
*IC=100mA, IB=2.5mA
0.70
1.20
V
DC Current Gain
hFE
IC=10µA, VCE=5V
Group-7
140
Group-8
30
Group-9
40
Group-10 Only BCY78/79
100
IC=2mA, VCE=5V
BCY77/78/79
120
630
Group-7
120
220
Group-8
180
310
Group-9
250
460
Group-10 Only BCY78/79
380
630
IC=10mA, VCE=1V
BCY77/78/79 & Group-7,
80
Group-8
120
400
Group-9
160
630
Group-10 Only BCY78/79
240
1000
*IC=100mA, VCE=1V
BCY77/78/79 & Group-7
40
Group-8
45
Group-9
60
Group-10 Only BCY78/79
60
**IC=50mA, VCE=1V
BCY77/78/79 & Group-7
40
Group-8
45
Group-9
60
DYNAMIC CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Noise Figure
NF
IC=0.2mA,VCE=5V, Rg=2kΩ,
f=1kHz, B=200Hz
6
dB
Transition frequency
fT
IC=10mA,VCE=5V,f=100MHz
180
MHz
Collector Base Capacitance
Ccbo
VCB=10V, IE=0, f=1MHz
7
pF
Emitter Base Capacitance
Cebo
VEB=0.5V, IC=0, f=1MHz
15
pF
*ONLY BCY78/79
**ONLY BCY77
BCY77_ 79Rev_4 050707E
Continental Device India Limited
Data Sheet
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com