Electronic Components Datasheet Search
  English  ▼

X  

BCY77 Datasheet(PDF) 3 Page - Continental Device India Limited

Part # BCY77
Description  PNP SILICON PLANAR TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BCY77 Datasheet(HTML) 3 Page - Continental Device India Limited

  BCY77 Datasheet HTML 1Page - Continental Device India Limited BCY77 Datasheet HTML 2Page - Continental Device India Limited BCY77 Datasheet HTML 3Page - Continental Device India Limited BCY77 Datasheet HTML 4Page - Continental Device India Limited BCY77 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PNP SILICON PLANAR TRANSISTORS
BCY77, BCY78
BCY79
TO-18
Metal Can Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
SMALL SIGNAL CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Small Signal Current Gain
hfe
IC=2mA, VCE=5V, f=1kHz
BCY77/78/79
125
700
Group-7
125
250
Group-8
175
350
Group-9
250
500
Group-10 Only BCY78/79
350
700
Input Impedance
hie
IC=2mA, VCE=5V, f=1kHz
Group-7
1.6
4.5
k
Ω
Group-8
2.5
6.0
k
Ω
Group-9
3.2
8.5
k
Ω
Group-10 Only BCY78/79
7.5
k
Ω
Voltage Feedback Ratio
hre
IC=2mA, VCE=5V, f=1kHz
Group-7
1.5
x10
-4
Group-8
2.0
x10
-4
Group-9
2.0
x10
-4
Group-10 Only BCY78/79
3.0
x10
-4
Output Admittance
hoe
IC=2mA, VCE=5V, f=1kHz
Group-7
30
µS
Group-8
50
µS
Group-9
60
µS
Group-10 Only BCY78/79
100
µS
SWITCHING TIMES
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Delay Time
td
35
ns
Rise Time
tr
50
ns
Turn on Time
ton
150
ns
Storage Time
ts
400
ns
Fall Time
tf
80
ns
Turn off Time
toff
800
ns
Delay Time
td
5.0
ns
Rise Time
tr
50
ns
Turn on Time
ton
150
ns
Storage Time
ts
250
ns
Fall Time
tf
200
ns
Turn off Time
toff
800
ns
Delay Time
td
15
ns
Rise Time
tr
50
ns
Turn on Time
ton
150
ns
Storage Time
ts
300
ns
Fall Time
tf
150
ns
Turn off Time
toff
800
ns
BCY77_ 79Rev_4 050707E
BCY78/79
IC=100mA,
IB1=IB2=10mA, VBB=5V,
R1=500 Ω, R2=700Ω, RL=98Ω
BCY77/78/79
IC=10mA, IB1=IB2=1mA,
VBB=3.6V, R1=R2=5kΩ,
RL=990Ω
BCY77
IC=50mA,
IB1=IB2=5mA, VBB=4.7V,
R1=1kΩ, R2=1.3kΩ, RL=195Ω
Continental Device India Limited
Data Sheet
Page 3 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com