Electronic Components Datasheet Search
  English  ▼

X  

BCY77 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BCY77
Description  PNP SILICON PLANAR TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BCY77 Datasheet(HTML) 1 Page - Continental Device India Limited

  BCY77 Datasheet HTML 1Page - Continental Device India Limited BCY77 Datasheet HTML 2Page - Continental Device India Limited BCY77 Datasheet HTML 3Page - Continental Device India Limited BCY77 Datasheet HTML 4Page - Continental Device India Limited BCY77 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PNP SILICON PLANAR TRANSISTORS
BCY77, BCY78
BCY79
TO-18
Metal Can Package
Low Noise Audio Amplifier input stages and Driver Applications
Complementary BCY57/58/59
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
BCY77
BCY79
UNIT
Collector Emitter Voltage
VCEO
60
45
V
Collector Emitter Voltage
VCES
60
45
V
Emitter Base Voltage
VEBO
5
5
V
Collector Current Continuous
IC
100
200
mA
Base Current
IB
50
50
mA
Power Dissipation @ Ta=25ºC
PD
W
Power Dissipation @ Tc=45ºC
PD
W
Operating and Storage Junction
Temperature Range
Tj, Tstg
ºC
THERMAL CHARACTERISTICS
Junction to Ambient in free air
Rth(j-a)
K/W
Junction to Case
Rth(j-c)
K/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise )
DESCRIPTION
SYMBOL
TEST CONDITION
BCY77
BCY78
BCY79
UNIT
Collector Emitter Voltage
VCEO
IC=2mA, IB=0
>60
>32
>45
V
Collector Emitter Voltage
VCES
IC=10µA, VBE=0
>60
>32
>45
V
Emitter Base Voltage
VEBO
IE=1µA, IC=0
>5
>5
>5
V
Collector Cut off Current
ICES
VCE=VCE max, VBE=0
<100
<100
<100
nA
VCE=50V, VBE=0
<20
nA
VCE=25V, VBE=0
<20
nA
VCE=35V, VBE=0
<20
nA
VCE=60V, VBE=0, Ta=150ºC
<10
µA
VCE=25V, VBE=0, Ta=150ºC
<10
µA
VCE=35V, VBE=0, Ta=150ºC
<10
µA
Collector Cut off Current
ICEX
VCE=VCE max, VBE=0.2V,
Ta=100ºC
µA
Emitter Cut off Current
IEBO
VEB=4V, IC=0
nA
Base Emitter on Voltage
VBE (on)
IC=10µA, VCE=5V
V
IC=2mA, VCE=5V
V
IC=10mA, VCE=1V
V
**IC=50mA, VCE=1V
V
*IC=100mA, VCE=1V
V
*ONLY BCY78/79
**ONLY BCY77
BCY77_ 79Rev_4 050707E
150
- 65 to +200
<20
Typ 0.55
450
200
0.39
1.00
50
BCY78
32
32
5
Typ 0.68
Typ 0.72
Typ 0.75
<20
0.6 - 0.75
Continental Device India Limited
Data Sheet
Page 1 of 5
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BCY77

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCY77 SIEMENS-BCY77 Datasheet
218Kb / 7P
PNP SILICON PLANAR TRANSISTORS
More results

Similar Description - BCY77

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
2N2904 SIEMENS-2N2904 Datasheet
173Kb / 7P
PNP SILICON PLANAR TRANSISTORS
2N2906 SIEMENS-2N2906 Datasheet
41Kb / 2P
PNP SILICON PLANAR TRANSISTORS
2N2906A SIEMENS-2N2906A Datasheet
130Kb / 5P
PNP SILICON PLANAR TRANSISTORS
BCY77 SIEMENS-BCY77 Datasheet
218Kb / 7P
PNP SILICON PLANAR TRANSISTORS
BD287 SIEMENS-BD287 Datasheet
93Kb / 4P
PNP SILICON PLANAR TRANSISTORS
BSV15 SIEMENS-BSV15 Datasheet
261Kb / 8P
PNP SILICON PLANAR TRANSISTORS
logo
Continental Device Indi...
2N4234 CDIL-2N4234 Datasheet
68Kb / 4P
PNP SILICON PLANAR TRANSISTORS
2N4030 CDIL-2N4030 Datasheet
209Kb / 4P
PNP SILICON PLANAR TRANSISTORS
logo
Diodes Incorporated
2N67267 DIODES-2N67267 Datasheet
49Kb / 1P
PNP SILICON PLANAR TRANSISTORS
MARCH 1994
logo
New Jersey Semi-Conduct...
BCX23 NJSEMI-BCX23 Datasheet
42Kb / 1P
PNP silicon planar transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com