Electronic Components Datasheet Search
  English  ▼

X  

BCY59 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BCY59
Description  COMPLEMENTARY SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BCY59 Datasheet(HTML) 2 Page - Continental Device India Limited

  BCY59 Datasheet HTML 1Page - Continental Device India Limited BCY59 Datasheet HTML 2Page - Continental Device India Limited BCY59 Datasheet HTML 3Page - Continental Device India Limited BCY59 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
BCY58/59
DESCRIPTION
SYMBOL TEST CONDITION
VALUE
UNITS
DC Current Gain
hFE
IC=10mA,VCE=1V
BCY58-7/59-7
>80
BCY58-8/59-8
120 to 400
BCY58-9/59-9
160 to 630
BCY58-10/59-10
240 to 1000
IC=100mA,VCE=1V
BCY58-7/59-7
>40
BCY58-8/59-8
>45
BCY58-9/59-9
>60
BCY58-10/59-10
>60
Collector -Emitter Saturation Voltage
VCE(Sat) IC=10mA, IB=0.25mA
0.05 to 0.35
V
IC=100mA, IB=2.5mA
0.15 to 0.70
V
Base -Emitter Saturation Voltage
VBE(Sat)
IC=10mA, IB=0.25mA
0.60 to 0.85
V
IC=100mA, IB=2.5mA
0.75 to1.2
V
Base Emitter on Voltage
VBE(on)
IC=2mA, VCE=5V
0.55 to 0.70
V
DYNAMIC CHARACTERISTICS
Current Gain-Bandwidth Product
ft
IC=10mA,VCE=5V,
>125
MHz
f=100MHz
Output- Capacitance
Cob
VCB=10V, f=1MHz
<6.0
pF
Input- Capacitance
Cib
VBE=0.5V, f=1MHz
<15
pF
ALL f=1kHz
Small Signal Current Gain
hfe
IC=2mA, VCE=5V
BCY58-7/59-7
125 to 250
BCY58-8/59-8
175 to 350
BCY58-9/59-9
250 to 500
BCY58-10/59-10
350 to 700
Out put AdmIttance
hoe
IC=2mA, VCE=5V
BCY58-7/59-7
<30
umhos
BCY58-8/59-8
<50
BCY58-9/59-9
<60
BCY58-10/59-10
<100
Input Impedance
hie
IC=2mA, VCE=5V
BCY58-7/59-7
1.6 to 4.5
kohms
BCY58-8/59-8
2.5 to 6.0
BCY58-9/59-9
3.2 to 8.5
BCY58-10/59-10
4.5-12
Voltage Feedback Ratio
hre
IC=2mA, VCE=5V
BCY58-7/59-7
Typ1.5
X10-4
BCY58-8/59-8
Typ 2.0
BCY58-9/59-9
Typ 2.0
BCY58-10/59-10
Typ 3.0
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com