Electronic Components Datasheet Search
  English  ▼

X  

BCY59 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BCY59
Description  COMPLEMENTARY SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BCY59 Datasheet(HTML) 1 Page - Continental Device India Limited

  BCY59 Datasheet HTML 1Page - Continental Device India Limited BCY59 Datasheet HTML 2Page - Continental Device India Limited BCY59 Datasheet HTML 3Page - Continental Device India Limited BCY59 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN COMPLEMENTARY SILICON PLANAR EPITAXIAL TRANSISTORS
BCY58, BCY59
TO-18
Low Noise Audio Amplifier Input Stages & Driver Applications
Complementary BCY78/79
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
BCY58
BCY59
UNITS
Collector -Emitter Voltage
VCEO
32
45
V
Collector -Emitter Voltage(RBE=10 ohms)
VCES
32
45
V
Emitter -Base Voltage
VEBO
7.0
V
Collector Current Continuous
IC
0.2
A
Power Dissipation@ Ta=25 degC
PD
0.6
W
Derate Above 25 deg C
2.28
mW/deg C
Power Dissipation@ Tc=25 degC
PD
1.0
W
Derate Above 25 deg C
6.67
mW/deg C
Operating And Storage Junction
Tj, Tstg
-65 to +200
deg C
Temperature Range
THERMAL RESISTANCE
Junction to Case
Rth(j-c)
150
deg C/W
Junction to Ambient
Rth(j-a)
450
deg C/W
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL TEST CONDITION
BCY58
BCY59
UNITS
Collector -Emitter Voltage
VCEO
IC=10mA,IB=0
>32
>45
V
Emitter-Base Voltage
VEBO
IE=1uA, IC=0
>7.0
>7.0
V
Collector-Cut off Current
ICES
VCE=32V, VBE=0
<10
-
nA
VCE=45V, VBE=0
-
<10
nA
Ta=150deg C
VCE=32V, VBE=0
<10
-
uA
VCE=45V, VBE=0
-
<10
uA
Ta=100deg C
ICEX
VCE=32V, VBE=0.2V
<20
-
uA
VCE=45V, VBE=0.2V
-
<20
uA
Emitter-Cut off Current
IEBO
VEB=5V, IC=0
AII
<10
nA
DC Current Gain
hFE
IC=10uA,VCE=5V
BCY58-7/59-7
-
BCY58-8/59-8
>20
BCY58-9/59-9
>40
BCY58-10/59-10
>100
IC=2mA,VCE=5V
BCY58-7/59-7
120-220
BCY58-8/59-8
180-310
BCY58-9/59-9
250-460
BCY58-10/59-10
380-630
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BCY59

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCY59 PHILIPS-BCY59 Datasheet
50Kb / 8P
NPN switching transistors
1997 Jun 17
logo
STMicroelectronics
BCY59 STMICROELECTRONICS-BCY59 Datasheet
99Kb / 6P
LOW NOISE AUDIO AMPLIFIERS
Jan-1989
logo
Siemens Semiconductor G...
BCY59 SIEMENS-BCY59 Datasheet
133Kb / 4P
npn silicon planar transistors
logo
Micro Electronics
BCY59 MICRO-ELECTRONICS-BCY59 Datasheet
175Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Seme LAB
BCY59 SEME-LAB-BCY59 Datasheet
10Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18 Metal Package
More results

Similar Description - BCY59

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BC182L MICRO-ELECTRONICS-BC182L Datasheet
62Kb / 1P
COMPLEMENTARY SILICON PLANAR EPITAXIAL TRANSISTOR
BC516 MICRO-ELECTRONICS-BC516 Datasheet
68Kb / 1P
COMPLEMENTARY SILICON PLANAR EPITAXIAL DARLINGTON TRANSISTOR
MPS-D04 MICRO-ELECTRONICS-MPS-D04 Datasheet
39Kb / 1P
COMPLEMENTARY DARLINGTON SILICON PLANAR TRANSISTORS
logo
Continental Device Indi...
CSA1020 CDIL-CSA1020 Datasheet
95Kb / 3P
COMPLEMENTARY SILICON PLANAR EPITAXIAL TRANSISTORS
CMBT5087 CDIL-CMBT5087 Datasheet
155Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
CMMT591 CDIL-CMMT591 Datasheet
137Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CSA1020PNP CDIL-CSA1020PNP Datasheet
206Kb / 3P
COMPLEMENTARY SILICON PLANAR EPITAXIAL TRANSISTORS
CVG639 CDIL-CVG639 Datasheet
179Kb / 3P
NPN/PNP COMPLEMENTARY SILICON PLANAR EPITAXIAL TRANSISTORS
CIL1020Y CDIL-CIL1020Y Datasheet
90Kb / 2P
PNP COMPLEMENTARY PLANAR SILICON TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com