Electronic Components Datasheet Search
  English  ▼

X  

BCY59 Datasheet(PDF) 3 Page - Continental Device India Limited

Part # BCY59
Description  COMPLEMENTARY SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BCY59 Datasheet(HTML) 3 Page - Continental Device India Limited

  BCY59 Datasheet HTML 1Page - Continental Device India Limited BCY59 Datasheet HTML 2Page - Continental Device India Limited BCY59 Datasheet HTML 3Page - Continental Device India Limited BCY59 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
BCY58/59
DESCRIPTION
SYMBOL TEST CONDITION
VALUE
UNITS
Noise Figure
NF
IC=0.2mA, VCE=5V
<6.0
dB
Rs=2 kohms, f=1kHz
SWITCHING TIME
Delay time
td
Typ35
ns
Rise time
tr
IC=10mA, IB1=1mA,
Typ50
Turn on time
ton
IB2=1mA, VBB=3.6V
<150
Storage time
ts
R1=R2=5 kohms
Typ400
Fall time
tf
RL=990 ohms
Typ80
Turn off time
toff
<800
Delay time
td
Typ5.0
ns
Rise time
tr
IC=100mA, IB1=10mA,
Typ50
Turn on time
ton
IB2=10mA, VBB=5V,
<150
Storage time
ts
R1=500 ohms,
Typ250
Fall time
tf
R2=700 ohms
Typ200
Turn off time
toff
RL=98 ohms
<800
TO-18 Metal Can Package
TO-18
1K/polybag
350 gm/1K pcs
3" x 7.5" x 7.5"
5.0K
17" x 15" x 13.5"
80.0K
34 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
G
1
2
3
H
J
L
A
D
B
DIM
M IN
M A X
A
5.24
5.84
B
4.52
4.97
C
4.31
5.33
D
0.40
0.53
E—
0.76
F—
1.27
G—
2.97
H
0.91
1.17
J
0.71
1.21
K12.70
—
L45 DE G
PIN CONFIGURATION
1. EM ITTER
2. BASE
3. COLLECTOR
1
2
3
Continental Device India Limited
Data Sheet
Page 3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com