Electronic Components Datasheet Search
  English  ▼

X  

BAT54A Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BAT54A
Description  SILICON PLANAR SCHOTTKY DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BAT54A Datasheet(HTML) 2 Page - Continental Device India Limited

  BAT54A Datasheet HTML 1Page - Continental Device India Limited BAT54A Datasheet HTML 2Page - Continental Device India Limited BAT54A Datasheet HTML 3Page - Continental Device India Limited BAT54A Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SILICON PLANAR SCHOTTKY DIODES
BAT54A, BAT54C, BAT54S
SOT-23
Formed SMD Package
ELECTRICAL CHARACTERISTICS (Ta=25º C unless specified otherwise) Per diode
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
UNIT
Forward Voltage
VF
IF=0.1mA
V
IF=1mA
V
IF=10mA
V
IF=30mA
V
IF=100mA
V
Reverse Current
IR
VR=25V
µA
Reverse Breakdown Voltage
V(BR)
IR=100µA
30
V
DYNAMIC CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
UNIT
Diode Capacitance
Cd
VR=1V, f=1MHz
pF
Reverse Recovery Time When Switched
From
trr
IF=10mA to
IR=10mA, measured
at IRR=1mA,
RL=100Ω
ns
BAT54A_S Rev_1 250206E
For Lead Free Parts, Device Part # will be
Prefixed with "T"
0.32
0.40
1.00
MAX
0.50
0.24
5
MAX
2.0
15
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com