Electronic Components Datasheet Search
  English  ▼

X  

BAT54A Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BAT54A
Description  SILICON PLANAR SCHOTTKY DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BAT54A Datasheet(HTML) 1 Page - Continental Device India Limited

  BAT54A Datasheet HTML 1Page - Continental Device India Limited BAT54A Datasheet HTML 2Page - Continental Device India Limited BAT54A Datasheet HTML 3Page - Continental Device India Limited BAT54A Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SILICON PLANAR SCHOTTKY DIODES
BAT54A, BAT54C, BAT54S
SOT-23
Formed SMD Package
BAT54A
BAT54S
3
3
1
2
1
2
BAT54C
3
1
2
Marking-
BAT54A = L42
BAT54C = L43
BAT54S = L44
Ultra High Speed Switching Diodes
ABSOLUTE MAXIMUM RATINGS (per diode)
DESCRIPTION
SYMBOL
UNIT
Repetitive Peak Reverse Voltage
VRRM
V
Forward Current (DC)
IF
mA
Repetitive Peak Forward Current
IFRM
mA
Non Repetitive Peak Forward Current
t<1s
IFSM
mA
Power Dissipation Ta=25ºC
PD
mW
Storage Temperature Range
Tstg
oC
Junction Temperature
Tj
oC
THERMAL RESISTANCE
Junction to Ambient in free air, Mounted
on a Ceramic Substrate of 10mm x 8mm x
0.6mm
Rth (j-a)
K/W
BAT54A_S Rev_1 250206E
For Lead Free Parts, Device Part # will be
Prefixed with "T"
230
125
430
- 55 to +150
VALUE
30
200
600
300
3
Pin Configuration
1 = ANODE
2 =
3 =
CATHODE
CATHODE
ANODE/
2
Pin Configuration
1 =
2 =
3 =
ANODE
ANODE
CATHODE
3
2
Pin Configuration
1 =
2 =
3 =
CATHODE
CATHODE
ANODE
3
2
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BAT54A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54A PANJIT-BAT54A Datasheet
112Kb / 3P
SURFACT MOUNT SCHOTTKY BARRIER
logo
NXP Semiconductors
BAT54A PHILIPS-BAT54A Datasheet
48Kb / 8P
Schottky barrier double diodes
2002 Mar 04
logo
STMicroelectronics
BAT54A STMICROELECTRONICS-BAT54A Datasheet
83Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
logo
Zetex Semiconductors
BAT54A ZETEX-BAT54A Datasheet
101Kb / 2P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODES
logo
Zowie Technology Corpor...
BAT54A ZOWIE-BAT54A Datasheet
50Kb / 2P
SCHOTTKY BARRIER DIODE
More results

Similar Description - BAT54A

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BAT64 CDIL-BAT64 Datasheet
139Kb / 4P
SILICON PLANAR SCHOTTKY DIODES
logo
Rectron Semiconductor
BAT42 RECTRON-BAT42 Datasheet
123Kb / 2P
SILICON PLANAR SCHOTTKY DIODES
BAT43 RECTRON-BAT43 Datasheet
123Kb / 2P
SILICON PLANAR SCHOTTKY DIODES
logo
Continental Device Indi...
BAT54 CDIL-BAT54 Datasheet
133Kb / 3P
SILICON PLANAR SCHOTTKY DIODES
BAT42WS CDIL-BAT42WS Datasheet
378Kb / 4P
SILICON PLANAR SCHOTTKY BARRIER DIODES
BAT42W CDIL-BAT42W Datasheet
300Kb / 4P
SILICON PLANAR SCHOTTKY DIODES
BAT42 CDIL-BAT42 Datasheet
91Kb / 3P
SILICON PLANAR SCHOTTKY DIODES
logo
Diodes Incorporated
ZUMD7004 DIODES-ZUMD7004 Datasheet
37Kb / 1P
SOT323 SILICON PLANAR DUAL SCHOTTKY BARRIER DIODES
NOVEMBER 1998
logo
List of Unclassifed Man...
BAS7004TA ETC2-BAS7004TA Datasheet
47Kb / 1P
SOT23 SILICON PLANAR DUAL SCHOTTKY BARRIER DIODES
logo
AiT Semiconductor Inc.
BAT54XV2 AITSEMI-BAT54XV2 Datasheet
402Kb / 5P
SCHOTTKY DIODES SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com